Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-0505SH30JZ. Datasheet(PDF) 5 Page - AIMTEC

Part # AM1LS-0505SH30JZ.
Description  DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-0505SH30JZ. Datasheet(HTML) 5 Page - AIMTEC

  AM1LS-0505SH30JZ. Datasheet HTML 1Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 2Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 3Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 4Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 5Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 6Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 7Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 8Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
F 052e R4
www.Aimtec.com
5
Rev: 08/21/A
AM1LS-JZ
DC-DC Converter
Safety Specifications
Parameters
Agency approvals
cULus UL62368-1
Standards
Information technology Equipment
Design to meet IEC/EN 62368-1
EMC - Conducted and radiated emission
CISPR32 / EN55032, class B with the recommended EMI circuit
Electrostatic Discharge Immunity
IEC 61000-4-2 Air ±8KV, Contact ±4KV, Criteria B (5Vin models)
IEC 61000-4-2 Contact ±6KV, Criteria B (Other models)
For AM1LS-0503SJZ & AM1LS-0503SH30JZ
For other 5Vin models
0
40
100
80
120
100
80
60
40
20
0
Safe Operating Area
Free Air Convection
Ambient Temperature º C
140
-40
-20
105C
ºC
100
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-12%
-5%
+2%
+5%
+12%
Typical Load Line
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-7.5%
-2.5%
+2.5%
+5%
+10%
Typical Load Line
Derating
Output voltage tolerance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com