Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-0505SH30JZ. Datasheet(PDF) 8 Page - AIMTEC

Part # AM1LS-0505SH30JZ.
Description  DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-0505SH30JZ. Datasheet(HTML) 8 Page - AIMTEC

  AM1LS-0505SH30JZ. Datasheet HTML 1Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 2Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 3Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 4Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 5Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 6Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 7Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 8Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
F 052e R4
www.Aimtec.com
8
Rev: 08/21/A
AM1LS-JZ
DC-DC Converter
8.50
(0.34)
Top View
Front View
Side View
1.45
(0.06)
13.20±0.5
(0.52±0.02)
0.60
(0.02)
2.54
(0.10)
1
7.62
(0.30)
11.40±0.3
(0.45±0.01)
0.25
(0.01)
8.50
(0.34)
±5° angle
0.95
(0.04)
1.00
(0.04)
2.54
(0.10)
2.10
(0.08)
7.62
(0.30)
12.20
(0.48)
7.00
(0.28)
Note:
Unit: mm(inch)
General tolerance: ±0.25 (0.01)
Pin tolerance: ±0.1 (0.004)
8.50
(0.34)
8.50
(0.34)
Top View
Front View
Side View
1.45
(0.06)
15.24
(0.60)
0.60
(0.03)
2.54
(0.10)
1
7.62
(0.30)
11.40
(0.45)
7.00
(0.28)
0.25
(0.01)
0º~10º angle
1.00
(0.04)
2.54
(0.10)
2.10
(0.08)
7.62
(0.30)
12.20
(0.48)
10.16
(0.40)
10.16
(0.40)
0.95
(0.04)
Note:
Unit: mm(inch)
General tolerance: ±0.25 (0.01)
Pin tolerance: ±0.1 (0.004)
Pin Out Specifications
Pin
Single
Dual
1
-V Input
-V Input
2
+V Input
+V Input
3
-
-
4
-V Output
Common
5
+V Output
-V Output
6
-
-
7
-
+V Output
8
NC
-
9
-
-
10
-
NC
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com