Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-0505SH30JZ. Datasheet(PDF) 3 Page - AIMTEC

Part # AM1LS-0505SH30JZ.
Description  DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-0505SH30JZ. Datasheet(HTML) 3 Page - AIMTEC

  AM1LS-0505SH30JZ. Datasheet HTML 1Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 2Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 3Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 4Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 5Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 6Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 7Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 8Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
F 052e R4
www.Aimtec.com
3
Rev: 08/21/A
AM1LS-JZ
DC-DC Converter
Dual Output
Model
Input
Voltage
(VDC)
Output
Voltage
(VDC)
Input Current
Full | No load
max (mA)
Output
Current
max | min
(mA)
Isolation
(VDC)
Maximum
capacitive
Load
(µF)
Efficiency
Typ. (%)
AM1LS-0505DJZ
5 (4.5-5.5)
±5
257 / 10
±100/±10
1500
±1200
82
AM1LS-0509DJZ
5 (4.5-5.5)
±9
254 / 20
±56/±6
1500
±470
83
AM1LS-0512DJZ
5 (4.5-5.5)
±12
254 / 20
±42/±5
1500
±220
83
AM1LS-0515DJZ
5 (4.5-5.5)
±15
254 / 30
±34/±4
1500
±220
83
AM1LS-0524DJZ
5 (4.5-5.5)
±24
254 / 30
±21/±3
1500
±100
85
AM1LS-1205DJZ
12 (10.8-13.2)
±5
107 / -
±100/±10
1500
±1200
82
AM1LS-1209DJZ
12 (10.8-13.2)
±9
106 / -
±56/±6
1500
±470
83
AM1LS-1212DJZ
12 (10.8-13.2)
±12
106 / -
±42/±5
1500
±220
83
AM1LS-1215DJZ
12 (10.8-13.2)
±15
106 / -
±34/±4
1500
±220
83
AM1LS-1224DJZ
12 (10.8-13.2)
±24
103 / -
±21/±3
1500
±100
85
AM1LS-1515DJZ
15 (13.5-16.5)
±15
85 / -
±34/±4
1500
±220
83
AM1LS-2405DJZ
24 (21.6-26.4)
±5
55 / -
±100/±10
1500
±1200
82
AM1LS-2409DJZ
24 (21.6-26.4)
±9
55 / -
±56/±6
1500
±470
83
AM1LS-2412DJZ
24 (21.6-26.4)
±12
55 / -
±42/±5
1500
±220
83
AM1LS-2415DJZ
24 (21.6-26.4)
±15
55 / -
±34/±4
1500
±220
83
AM1LS-2424DJZ
24 (21.6-26.4)
±24
53 / -
±21/±3
1500
±100
85
AM1LS-0505DH30JZ
5 (4.5-5.5)
±5
257 / 10
±100/±10
3000
±1200
82
AM1LS-0509DH30JZ
5 (4.5-5.5)
±9
254 / 20
±56/±6
3000
±470
83
AM1LS-0512DH30JZ
5 (4.5-5.5)
±12
254 / 20
±42/±5
3000
±220
83
AM1LS-0515DH30JZ
5 (4.5-5.5)
±15
254 / 30
±34/±4
3000
±220
83
AM1LS-0524DH30JZ
5 (4.5-5.5)
±24
254 / 30
±21/±3
3000
±100
85
AM1LS-1205DH30JZ
12 (10.8-13.2)
±5
107 / -
±100/±10
3000
±1200
82
AM1LS-1209DH30JZ
12 (10.8-13.2)
±9
106 / -
±56/±6
3000
±470
83
AM1LS-1212DH30JZ
12 (10.8-13.2)
±12
106 / -
±42/±5
3000
±220
83
AM1LS-1215DH30JZ
12 (10.8-13.2)
±15
106 / -
±34/±4
3000
±220
83
AM1LS-1224DH30JZ
12 (10.8-13.2)
±24
103 / -
±21/±3
3000
±100
85
AM1LS-1515DH30JZ
15 (13.5-16.5)
±15
85 / -
±34/±4
3000
±220
83
AM1LS-2405DH30JZ
24 (21.6-26.4)
±5
55 / -
±100/±10
3000
±1200
82
AM1LS-2409DH30JZ
24 (21.6-26.4)
±9
55 / -
±56/±6
3000
±470
83
AM1LS-2412DH30JZ
24 (21.6-26.4)
±12
55 / -
±42/±5
3000
±220
83
AM1LS-2415DH30JZ
24 (21.6-26.4)
±15
55 / -
±34/±4
3000
±220
83
AM1LS-2424DH30JZ
24 (21.6-26.4)
±24
53 / -
±21/±3
3000
±100
85
Note: Use suffix “TR” for tape & reel packing (ex. AM1LS-0505DJZTR).
Input Specification
Parameters
Conditions
Typical
Maximum
Units
Filter
Capacitor
Absolute maximum rating
Maximum duration 1s, 5Vin
>0.7
9
VDC
Maximum duration 1s, 12Vin
>0.7
18
VDC
Maximum duration 1s, 15Vin
>0.7
21
VDC
Maximum duration 1s, 24Vin
>0.7
30
VDC
Input reflected ripple current
5Vin
15
mA
Others
30
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com