Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-0505SH30JZ. Datasheet(PDF) 7 Page - AIMTEC

Part # AM1LS-0505SH30JZ.
Description  DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-0505SH30JZ. Datasheet(HTML) 7 Page - AIMTEC

  AM1LS-0505SH30JZ. Datasheet HTML 1Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 2Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 3Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 4Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 5Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 6Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 7Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 8Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
F 052e R4
www.Aimtec.com
7
Rev: 08/21/A
AM1LS-JZ
DC-DC Converter
Single output models
Dual output models
Vin+
Vin-
Vo+
Vo-
Single
C1
C2
CY
LDM
6.8uH
C3
Vo+
Vo-
Com
C3
C4
Vin+
Vin-
Dual
C1
C2
CY
LDM
6.8uH
Vin
C1/C2
Vout
CY
C3
1500VDC
isolation
3000VDC
isolation
5V
4.7µF/25V
3.3V/5V/9V
-
-
Refer to Cout in typical circuit
12V/15V/24V
1nF/2kVDC
1nF/4kVdc
Refer to Cout in typical circuit
12V/15V/24V 4.7µF/50V
All output
270pF/2Vdc
270pF/3kVdc
Refer to Cout in typical circuit
Vin
C1/C2
Vout
CY
C3/C4
1500VDC
isolation
3000VDC
isolation
5V
4.7µF/25V
5V/9V
-
-
Refer to Cout in typical circuit
12V/15V/24V
1nF/2kVDC
1nF/4kVdc
Refer to Cout in typical circuit
12V/15V/24V 4.7µF/50V
All output
270pF/2Vdc
270pF/3kVdc
Refer to Cout in typical circuit
EMI Recommended circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com