Electronic Components Datasheet Search
  English  ▼

X  

AM1LS-0505SH30JZ. Datasheet(PDF) 6 Page - AIMTEC

Part # AM1LS-0505SH30JZ.
Description  DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-0505SH30JZ. Datasheet(HTML) 6 Page - AIMTEC

  AM1LS-0505SH30JZ. Datasheet HTML 1Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 2Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 3Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 4Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 5Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 6Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 7Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 8Page - AIMTEC AM1LS-0505SH30JZ. Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
F 052e R4
www.Aimtec.com
6
Rev: 08/21/A
AM1LS-JZ
DC-DC Converter
For other models
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-7.5%
-2.5%
+2.5%
+3%
+8%
Typical Load Line
-2%
Vin+
Vin-
Vin+
Vin-
Vo+
Vo-
Vo+
Vo-
Com
Single
Dual
Cin
Cout
Cout
Cout
Cin
5Vin models
Vin
Cin
Single output models
Dual output models
Vout
Cout
Vout
Cout
5
4.7µF
3.3V
10µF
±5V
4.7µF
-
-
5V
10µF
±9V
2.2µF
-
-
9V
4.7µF
±12V
1µF
-
-
12V
2.2µF
±15V/±24V
1µF
-
-
15V
1µF
-
-
24V
0.47µF
Other Vin models
Vin
Cin
Single output models
Dual output models
Vout
Cout
Vout
Cout
12
2.2µF/25V
5V
10µF/16V
±5V
4.7µF/16V
15
2.2µF/25V
9V
2.2µF/16V
±9V
1µF/16V
24
1µF/50V
12V
2.2µF/25V
±12V
1µF/25V
-
-
15V
1µF/25V
±15V
0.47µF/25V
-
-
24V
1µF/50V
±24V
0.47µF/50V
Typical application circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com