Electronic Components Datasheet Search
  English  ▼

X  

DA7282 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 37Page - Renesas Technology Corp DA7282 Datasheet HTML 38Page - Renesas Technology Corp DA7282 Datasheet HTML 39Page - Renesas Technology Corp DA7282 Datasheet HTML 40Page - Renesas Technology Corp DA7282 Datasheet HTML 41Page - Renesas Technology Corp DA7282 Datasheet HTML 42Page - Renesas Technology Corp DA7282 Datasheet HTML 43Page - Renesas Technology Corp DA7282 Datasheet HTML 44Page - Renesas Technology Corp DA7282 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 41
6.8
Waveform Memory
The Waveform Memory stores haptic drive sequences. A single haptic effect is called a sequence, and each
sequence is formed by one or more frames that address one or more snippets stored in memory. The overall
Waveform Memory structure is described in detail in Section 6.8.1; Sections 6.8.2 to 6.8.4 provide definitions for
snippets, frames, and sequences.
NOTE
It is recommended that the Renesas SmartCanvas GUI is used to construct sequences and upload them to the Waveform
Memory. The easy-to-use GUI provides intuitive visualization of the sequences in the Waveform Memory and requires
only basic knowledge of the overall memory format.
6.8.1
Waveform Memory Structure
The waveform memory structure has a 100-byte capacity for storing snippets, frames, and sequences.
Sequences reference the snippets using frames to allow complex haptic sequences to be created in a memory
efficient manner. The overall structure of the Waveform Memory can be seen in Figure 25. For Waveform
Memory programming, see Section 6.6.4.
num_of_snippets[7:0]
num_of_sequences[7:0]
snippet_1_endpointer
snippet_n_endpointer
sequence_0_endpointer
snippet_n
sequence_0
sequence_n
sequence_n_endpointer
snippet_1
snippet_1_endpointer
WAVEFORM MEMORY
100 Bytes
Byte 0
Byte 1
Byte 2
Byte n
PWL_point_ 0
PWL_point_n
frame_0
frame_n
Figure 25. Waveform memory structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com