Electronic Components Datasheet Search
  English  ▼

X  

DA7282 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 24Page - Renesas Technology Corp DA7282 Datasheet HTML 25Page - Renesas Technology Corp DA7282 Datasheet HTML 26Page - Renesas Technology Corp DA7282 Datasheet HTML 27Page - Renesas Technology Corp DA7282 Datasheet HTML 28Page - Renesas Technology Corp DA7282 Datasheet HTML 29Page - Renesas Technology Corp DA7282 Datasheet HTML 30Page - Renesas Technology Corp DA7282 Datasheet HTML 31Page - Renesas Technology Corp DA7282 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 28
NOTE
The duty cycle of the PWM signal is interpreted differently depending on the value of ACCELERATION_EN. If
ACCELERATION_EN = 1, then zero drive corresponds to 50 % duty cycle ± FULL_BRAKE_THR. If ACCELERATION_EN
= 0, then zero drive corresponds to 0 % duty cycle + FULL_BRAKE_THR. For further explanation, see Figure 31 and
Figure 32.
I2C write to stop driving
I2C writes to start driving
Apply PWM signal
to GPI_0/PWM pin
Output starts
switching
Write
OPERATION_
MODE = 2
IDLE/STANDBY
DRIVE
Write
OPERATION_
MODE = 0
DA7282
stops
driving
Change the duty
cycle of the PWM
signal
Drive
amplitude
changes
Figure 14. Operation in PWM mode
6.6.5.4
Register Triggered Waveform Memory (RTWM) Mode
The following registers should be set up prior to operation in RTWM mode:
▪ Set FREQ_WAVEFORM_TIMEBASE according to the minimum or maximum sequence timebase required.
▪ Set SNP_MEM_x (where x = 0 to 99), see Section 6.8.
▪ If custom waveform sequences are required, see Section 6.7.5.
▪ Set WAV_MEM_LOCK = 0 to prohibit access to the waveform memory if required.
Figure 15 shows how to operate the device in RTWM mode.
1. While in the IDLE or STANDBY state, configure PS_SEQ_ID and PS_SEQ_LOOP to select the desired
sequence from Waveform Memory.
2. For first-time playback, set OPERATION_MODE = 3. On subsequent sequence playbacks, this step can be
skipped (if OPERATION_MODE = 3). The haptic sequence will not begin playing until a start event is
created by setting SEQ_START = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com