Electronic Components Datasheet Search
  English  ▼

X  

DA7282 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 67Page - Renesas Technology Corp DA7282 Datasheet HTML 68Page - Renesas Technology Corp DA7282 Datasheet HTML 69Page - Renesas Technology Corp DA7282 Datasheet HTML 70Page - Renesas Technology Corp DA7282 Datasheet HTML 71Page - Renesas Technology Corp DA7282 Datasheet HTML 72Page - Renesas Technology Corp DA7282 Datasheet HTML 73Page - Renesas Technology Corp DA7282 Datasheet HTML 74Page - Renesas Technology Corp DA7282 Datasheet HTML 75Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 71
10. Ordering Information
The ordering number consists of the part number followed by a suffix indicating the packing method. For details
and availability, consult Renesas Technical Support or your local sales representative.
Table 78. Ordering information
Part number
Package
Size (mm)
Shipment form
Pack quantity
DA7282-00V42
WLCSP
1.35 x 1.75
Tape and reel
4500
DA7282-00V4C
WLCSP
1.35 x 1.75
Tape and reel
250
DA7282-00FV2
QFN
3.0 x 3.0
Tape and reel
6000
DA7282-00FVC
QFN
3.0 x 3.0
Tape and reel
250
11. Application Information
The Renesas SmartCanvas GUI enables easy access to the device and can be used to accelerate product
development time. For further information, contact your Renesas representative.
DA7282
GPI_0 / PWM
GPI_1
GPI_2
VDDIO/EN
GND_2
VDD
GND_1
VDD
SDA
SCL
LRA/
ERM
nIRQ
OUTN
OUTP
C1
100 nF
VDDIO
R3
5k6 Ω
VDDIO
R1
2k2 Ω
R2
2k2 Ω
Figure 42. External components diagram
NOTE
Drive the GPI pins and the VDDIO pin from the same voltage level.
NOTE
Ground any unused GPI pins.
NOTE
Capacitor C1 should be placed as close as possible to, and between VDD and GND_1 pins. It removes high-frequency
noise only; ensure additional decoupling (typ. 10 µF) is included elsewhere in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com