Electronic Components Datasheet Search
  English  ▼

X  

DA7282 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 20Page - Renesas Technology Corp DA7282 Datasheet HTML 21Page - Renesas Technology Corp DA7282 Datasheet HTML 22Page - Renesas Technology Corp DA7282 Datasheet HTML 23Page - Renesas Technology Corp DA7282 Datasheet HTML 24Page - Renesas Technology Corp DA7282 Datasheet HTML 25Page - Renesas Technology Corp DA7282 Datasheet HTML 26Page - Renesas Technology Corp DA7282 Datasheet HTML 27Page - Renesas Technology Corp DA7282 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 24
Accelerometer Output,
Sensor next to LRA
OUTP/N pins filtered
by a 3kHz RC filter
OUTP/N pins filtered
by a 3kHz RC filter
Accelerometer Output,
Sensor next to LRA
Length of
Desired Effect
Figure 12. Simple drive (top) versus active acceleration and rapid stop enabled (bottom)
6.5
Wideband Frequency Control
DA7282 can be configured for wideband LRA support in DRO, RTWM, and ETWM modes. This allows an
actuator to be driven outside of resonance to create a richer user experience. In this mode frequency tracking,
Active Acceleration, and Rapid Stop features should be disabled. The accessible frequency range becomes 25
Hz to 1000 Hz. After configuring the device, see Section 6.6, the following applies:
In DRO mode, streaming is as described in Section 6.2.4. To change output frequency, a new value is uploaded
to LRA_PER_H and LRA_PER_L.
In RTWM or ETWM modes, the frequency information is encoded into the frames of a sequence, see Section
6.8.3. For information on sequence playback, see Section 6.6. If a repeatable frequency is required at the start of
a sequence, the first frame of a sequence must contain frequency information.
6.6
Device Configuration and Playback
Minimal one-time setup is required to drive any given actuator. This consists of setting the chosen actuator type
with its key parameters and selecting the drive mode. The Renesas SmartCanvas GUI automatically calculates
the values required and sets the registers based on the entered actuator datasheet parameters. If the Renesas
SmartCanvas GUI is not used, follow the steps outlined in this section.
6.6.1
Boot
DA7282 comes out of reset when a power supply is provided to the device and boots for 1.5 ms. This is followed
by entry to the Inactive mode where the device is kept in its lowest power state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com