Electronic Components Datasheet Search
  English  ▼

X  

DA7282 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 6Page - Renesas Technology Corp DA7282 Datasheet HTML 7Page - Renesas Technology Corp DA7282 Datasheet HTML 8Page - Renesas Technology Corp DA7282 Datasheet HTML 9Page - Renesas Technology Corp DA7282 Datasheet HTML 10Page - Renesas Technology Corp DA7282 Datasheet HTML 11Page - Renesas Technology Corp DA7282 Datasheet HTML 12Page - Renesas Technology Corp DA7282 Datasheet HTML 13Page - Renesas Technology Corp DA7282 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 10
4. Pinout
3
2
1
A
B
C
D
GPI_1
SDA
nIRQ
SCL
GPI_2
OUTN
OUTP
GPI_0/PWM
VDD
VDDIO_EN
GND_2
GND_1
Analog
signal
Power
Ground
Digital
signal
Top view
4
5
6
10
11
12
1
2
3
7
8
9
GPI_2
GPI_1
GPI_0/PW M
GND_2
OUTN
VDDIO/EN
Pin 1
Ground
Analog
signal
Digital
signal
Power
Top view
Figure 3: DA7282 pinout diagrams (top view) for WLCSP (left) and QFN (right)
Table 2. Pin description
Pin No.
WLCSP
Pin No.
QFN
Pin name
Type
(Table 3)
Description
A1
12
nIRQ
DO
Interrupt request line, open-drain, active low, connect to system
VDDIO supply via external pull-up resistor
A2
11
SCL
DI
I2C clock input, open-drain, connect to system VDDIO supply via
external pull-up resistor
A3
10
SDA
DIO
I2C data input/output, open-drain, connect to system VDDIO
supply via external pull-up resistor
B1
2
GPI_1
DI
GPI sequence trigger 1
B2
1
GPI_2
DI
GPI sequence trigger 2
B3
9
VDDIO
PWR
Digital IO supply/device enable function, active high. Connect to
system VDDIO via push-pull GPIO or small-value resistor
C1
3
GPI_0/PWM
DI
GPI sequence trigger 0, or PWM input
C2
8
OUTN
AO
Haptic driver negative output
C3
7
GND_2
GND
Ground
D1
4
VDD
PWR
Haptic power supply; decouple to GND_1
D2
5
OUTP
AO
Haptic driver positive output
D3
6
GND_1
GND
Ground
Table 3. Pin type definition
Pin type
Description
Pin type
Description
DI
Digital input
AO
Analog output
DO
Digital output
PWR
Power
DIO
Digital input/output
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com