Electronic Components Datasheet Search
  English  ▼

X  

DA7282 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 1 Page - Renesas Technology Corp

  DA7282 Datasheet HTML 1Page - Renesas Technology Corp DA7282 Datasheet HTML 2Page - Renesas Technology Corp DA7282 Datasheet HTML 3Page - Renesas Technology Corp DA7282 Datasheet HTML 4Page - Renesas Technology Corp DA7282 Datasheet HTML 5Page - Renesas Technology Corp DA7282 Datasheet HTML 6Page - Renesas Technology Corp DA7282 Datasheet HTML 7Page - Renesas Technology Corp DA7282 Datasheet HTML 8Page - Renesas Technology Corp DA7282 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
Datasheet
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 1
© 2026 Renesas Electronics
DA7282 is a linear resonant actuator (LRA) and
eccentric rotating mass (ERM) haptic driver offering
automatic closed-loop LRA resonant frequency
tracking. The feature guarantees consistency across
LRA production tolerances, operating temperature,
aging, and mechanical coupling. DA7282 offers
wideband operation that fully utilizes the capabilities
of newer wideband and multi-directional LRAs.
The differential output drive architecture and
continuous actuator motion sensing enable efficient,
calibration-free playback and minimize software
complexity. Featuring wake-up on General Purpose
Input (GPI) sequence triggers and/or I2C activity,
DA7282 automatically returns to a low quiescent
current state (typically 0.68 µA) between playbacks.
In OFF mode the device consumes only 5 nA making
it suitable for low power applications.
To reduce system complexity, an integrated
Waveform Memory allows haptic sequences to be
pre-loaded to DA7282. Independent sequences can
be triggered, with low latency (0.75 ms), by up to
three separate input pins without host interaction.
Haptic sequences can also be streamed to DA7282
from an external source via I2C or pulse width
modulated (PWM) signals.
DA7282 actively monitors the back electromotive
force (BEMF) while continuously driving and applies
closed-loop Active Acceleration and Rapid Stopping
for sharper clicks and a higher fidelity user
experience. This offers significant advantages over
existing solutions that need to move into a high-
impedance state during drive to measure the BEMF,
which adds a considerable amount of inactive time to
the sequence and lowers the effective click strength
for a given LRA.
Features
▪ LRA or ERM drive capability
▪ Automatic LRA resonant frequency tracking
▪ Wideband LRA support
▪ I2C and PWM input streaming
▪ Low latency (0.75 ms) I2C/GPI wake-up from low
power consumption IDLE state, IQ = 0.68 µA
▪ Ultra-low latency (0.15 ms) wake-up from
STANDBY state, IQ = 0.8 mA
▪ Three GPI pins for triggering up to six independent
haptic sequences
▪ On-board Waveform Memory with amplitude, time,
and frequency control
▪ Active Acceleration and Rapid Stop technology for
high-fidelity haptic feedback
▪ Actuator diagnostics and fault handling
▪ Configurable EMI suppression
▪ No software requirements with embedded
operation
▪ Differential PWM output drive
▪ Current driven system to deliver constant actuator
power
▪ Automatic short circuit protection
▪ Ultra-low power consumption, IQ = 5 nA, when
device is disabled
▪ Ultra-low power consumption, IQ = 0.68 µA, with
state retention in IDLE state
▪ Supply monitoring, reporting, and automatic output
limiting
▪ Open- and closed-loop modes
▪ Custom wave drive support
▪ Small solution footprint requiring only one
decoupling capacitor in both WLCSP and QFN
Applications
▪ Smartphones, wearables, and hearables
▪ Computer peripherals
▪ Gaming
▪ Automotive and industrial
▪ Virtual and augmented reality controllers
▪ Disposable consumer products


Similar Part No. - DA7282

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7282 RENESAS-DA7282 Datasheet
1Mb / 88P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
logo
Dialog Semiconductor
DA7282-00FV2 DIALOG-DA7282-00FV2 Datasheet
1Mb / 77P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7282-00FV2 RENESAS-DA7282-00FV2 Datasheet
1Mb / 88P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
logo
Dialog Semiconductor
DA7282-00FVC DIALOG-DA7282-00FVC Datasheet
1Mb / 77P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
More results

Similar Description - DA7282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
HAPTIC DRIVER FOR ERM AND LRA
Rev 2.0
logo
Dialog Semiconductor
DA7280 DIALOG-DA7280 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
DA7281 DIALOG-DA7281 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
DA7283 DIALOG-DA7283 Datasheet
576Kb / 22P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
DA7282 RENESAS-DA7282 Datasheet
1Mb / 88P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
DA7283 RENESAS-DA7283 Datasheet
729Kb / 27P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com