Electronic Components Datasheet Search
  English  ▼

X  

AM427 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AM427
Description  RATIOMETRISCHES TRANSMITTER-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM427 Datasheet(HTML) 3 Page - Analog Microelectronics

  AM427 Datasheet HTML 1Page - Analog Microelectronics AM427 Datasheet HTML 2Page - Analog Microelectronics AM427 Datasheet HTML 3Page - Analog Microelectronics AM427 Datasheet HTML 4Page - Analog Microelectronics AM427 Datasheet HTML 5Page - Analog Microelectronics AM427 Datasheet HTML 6Page - Analog Microelectronics AM427 Datasheet HTML 7Page - Analog Microelectronics AM427 Datasheet HTML 8Page - Analog Microelectronics AM427 Datasheet HTML 9Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RATIOMETRISCHES TRANSMITTER–IC
AM427
analog microelectronics
April 99
3/9
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Output Stage (cont.)
Offset Voltage
VOS
±3.0
mV
VOS vs. Temperature
dVOS/dT
∆VIN = 50mV
±15
µV/°C
Input Current
IIN
∆VIN = 50mV
20
75
nA
Input Current Pin RSC
IRSC
VRSC = VVCC – 150mV
8.0
12.5
25.0
µA
Output Voltage Range
VOUT
with transistor BCW68H
IOUT = 10mA (see figure 5)
0.5
4.5
V
Output Current
IOUT
with transistor BCW68H
12.5
mA
Output Current Pin VOUT
IVOUT
pin VOUT
100
200
300
µA
Current Limitation Threshold
VTHRESH
ratiometric with VCC
120
150
180
mV
Output Resistance
ROUT
virtual
0.1
0.85
Ω
Linearity
ideal input
0.01
%FS
Current Source – Output
Internal Sense Voltage
VRIC
ratiometric with VCC
485
500
515
mV
Input Sense Current
IRIC
25
75
nA
Output Current
IVIC
20
35
75
µA
Output Current
IOUT
with transistor BC848C
6
mA
Output Voltage Range
VOUT
with transistor BC848C, IOUT = 5mA
0.8
6
V
RANDBEDINGUNGEN
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Resistor Adjustment Current Source (Transducer)
R1
400
1000
Ω
Gain Resistor Sum
R3 + R4
2.0
k
Ω
Capacitor Power Supply
C1
100
nF
Capacitor Frequency Compensation (Output Stage)
C2
4.3
5.8
nF
Capacitor Load (Output Stage)
C3
1.0
10.0
nF
Resistor Sense Current Limitation
R2
050
Ω
Resistor Adjustment Current Source (Output Stage)
R5
90
1000
Ω
FUNKTIONSDIAGRAMM
AMP
COMP
I
BR
V
S
Ground
12 V
V
OUT
GAIN = 20...110
(ratriometrisch)
Abbildung 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com