Electronic Components Datasheet Search
  English  ▼

X  

ISPLSI3192 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI3192
Description  High Density Programmable Logic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3192 Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI3192 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Specifications ispLSI 3192
5
Switching Test Conditions
Input Pulse Levels
Table 2 - 0003
Input Rise and Fall Time
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to 3.0V
≤ 3ns 10% to 90%
1.5V
1.5V
See figure 2
3-state levels are measured 0.5V from steady-state
active level.
Output Load conditions (See figure 2)
TEST CONDITION
R1
R2
CL
A
470Ω
390Ω
35pF
B
∞
390Ω
35pF
470Ω
390Ω
35pF
Active High
Active Low
C
470Ω
390Ω
5pF
∞
390Ω
5pF
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2 - 0004A
Figure 2. Test Load
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213A
DC Electrical Characteristics
Over Recommended Operating Conditions
VOL
SYMBOL
1. One output at a time for a maximum duration of one second. V
= 0.5V was selected to avoid test problems
by tester ground degradation. Characterized but not 100% tested.
2. Measured using twelve 16-bit counters.
3. Typical values are at VCC = 5V and TA = 25°C.
4. Maximum ICC varies widely with specific device configuration and operating frequency. Refer to the Power Consumption
section of this datasheet and Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to estimate
maximum ICC.
Table 2 - 0007isp/3192
1
VOH
IIH
IIL
IIL-isp
PARAMETER
IIL-PU
IOS
2,4
ICC
Output Low Voltage
Output High Voltage
Input or I/O High Leakage Current
Input or I/O Low Leakage Current
Bscan/ispEN Input Low Leakage Current
I/O Active Pull-Up Current
Output Short Circuit Current
Operating Power Supply Current
I = 8 mA
I
= -4 mA
3.5V ≤ V ≤ V
0V ≤ V ≤ V (Max.)
0V ≤ V ≤ V
0V ≤ V ≤ V
V = 5V, V
= 0.5V
V = 0.0V, V = 3.0V
f
= 1 MHz
OL
OH
IN
IL
IN
CC
IN
IL
IN
IL
CC
OUT
TOGGLE
IL
IH
CONDITION
MIN.
TYP.
MAX.
UNITS
3
–
2.4
–
–
–
–
–
–
–
–
–
–
–
–
–
320
0.4
–
10
-10
-150
-150
-200
V
V
µA
µA
µA
µA
mA
mA
OUT
–
–
320
mA
–
Commercial
Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com