Electronic Components Datasheet Search
  English  ▼

X  

ISPLSI3192 Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ISPLSI3192
Description  High Density Programmable Logic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3192 Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ISPLSI3192 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Specifications ispLSI 3192
8
Internal Timing Parameters1
Over Recommended Operating Conditions
R
E
T
E
M
A
R
A
P
#2
N
O
I
T
P
I
R
C
S
E
D
0
0
1
-0
7
-
S
T
I
N
U
.
N
I
M.
X
A
M.
N
I
M.
X
A
M
s
t
u
p
t
u
O
t b
o
6
4y
a
l
e
D
r
e
f
f
u
B
t
u
p
t
u
O—
4
.
2—5
.
2s
n
t
s
b
o
7
4w
e
l
S
w
o
l
S
,
y
a
l
e
D
r
e
f
f
u
B
t
u
p
t
u
O—
4
.
2
2—5
.
7
2s
n
t
n
e
o
8
4d
e
l
b
a
n
E
t
u
p
t
u
O
o
t
E
O
ll
e
C
O
/
I—
7
.
4—8
.
4s
n
t
s
i
d
o
9
4d
e
l
b
a
s
i
D
t
u
p
t
u
O
o
t
E
O
ll
e
C
O
/
I—
7
.
4—8
.
4s
n
s
k
c
o
l
C
t
2
/
1
/
0
y
g
0
5e
n
i
L
k
l
C
B
L
G
l
a
b
o
l
G
o
t
2
Y
r
o
1
Y
r
o
0
Y
,
y
a
l
e
D
k
c
o
l
C9
.
29
.
21
.
41
.
4s
n
t
4
/
3
y
o
i
1
5e
n
i
L
k
c
o
l
C
l
a
b
o
l
G
ll
e
C
O
/
I
o
t
4
Y
r
o
3
Y
,
y
a
l
e
D
k
c
o
l
C0
.
30
.
33
.
43
.
4s
n
t
e
s
e
R
l
a
b
o
l
G
t r
g
2
5s
r
e
t
s
i
g
e
R
O
/
I
d
n
a
B
L
G
o
t
t
e
s
e
R
l
a
b
o
l
G—
6
.
7—0
.
8s
n
t
e
o
g
3
5r
e
f
f
u
B
d
a
P
E
O
l
a
b
o
l
G—
3
.
4—2
.
7s
n
t e
o
t
4
5r
e
f
f
u
B
d
a
P
E
O
t
s
e
T—
3
.
7—
2
.
0
1s
n
.
y
l
n
o
e
c
n
e
r
e
f
e
r
r
o
f
e
r
a
d
n
a
d
e
t
s
e
t
t
o
n
e
r
a
s
r
e
t
e
m
a
r
a
P
g
n
i
m
i
T
l
a
n
r
e
t
n
I
.
1
.
s
li
a
t
e
d
r
e
h
t
r
u
f
r
o
f
t
e
e
h
s
a
t
a
d
s
i
h
t
n
i
l
e
d
o
M
g
n
i
m
i
T
o
t
r
e
f
e
R
.
2
s
p
e
.
2
9
1
3
.
2
.
t
n
I
g
n
i
m
i
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com