Electronic Components Datasheet Search
  English  ▼

X  

ISPLSI3192 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPLSI3192
Description  High Density Programmable Logic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3192 Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPLSI3192 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Specifications ispLSI 3192
6
External Switching Characteristics1, 2, 3
Over Recommended Operating Conditions
R
E
T
E
M
A
R
A
P
T
S
E
T
5
.
D
N
O
C
#2
N
O
I
T
P
I
R
C
S
E
D
1
0
0
1
-0
7
-
S
T
I
N
U
.
N
I
M.
X
A
M.
N
I
M.
X
A
M
t
1
d
p
A1
s
s
a
p
y
B
P
R
O
,
s
s
a
p
y
B
T
P
4
,
y
a
l
e
D
.
p
o
r
P
a
t
a
D—
0
1—5
1s
n
t
2
d
p
A2
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
a
t
a
D—
3
1—8
1s
n
f
x
a
m
A3
k
c
a
b
d
e
e
F
l
a
n
r
e
t
n
I
h
t
i
w
y
c
n
e
u
q
e
r
F
k
c
o
l
C
3
0
0
1—
0
7—
z
H
M
f
)
.
t
x
E
(
x
a
m
—4
)
1
o
c
t
+
2
u
s
t
(
/
1
,
k
c
a
b
d
e
e
F
.
t
x
E
h
t
i
w
.
q
e
r
F
k
c
o
l
C0
8—0
5—
z
H
M
f
)
.
g
o
T
(
x
a
m
—5
e
l
g
g
o
T
x
a
M
,
y
c
n
e
u
q
e
r
F
k
c
o
l
C
4
5
2
1—
3
8—
z
H
M
t
1
u
s
—6
s
s
a
p
y
b
T
P
4
,
k
c
o
l
C
e
r
o
f
e
b
e
m
i
T
p
u
t
e
S
.
g
e
R
B
L
G5
.
5
—9—
s
n
t
1
o
c
A7
s
s
a
p
y
b
P
R
O
,
y
a
l
e
D
t
u
p
t
u
O
o
t
k
c
o
l
C
.
g
e
R
B
L
G
—6—9
s
n
t 1
h
—8
s
s
a
p
y
b
T
P
4
,
k
c
o
l
C
r
e
t
f
a
e
m
i
T
d
l
o
H
.
g
e
R
B
L
G
0—0—
s
n
t
2
u
s
—9
k
c
o
l
C
e
r
o
f
e
b
e
m
i
T
p
u
t
e
S
.
g
e
R
B
L
G5
.
6—
1
1—
s
n
t
2
o
c
—0
1y
a
l
e
D
t
u
p
t
u
O
o
t
k
c
o
l
C
.
g
e
R
B
L
G—
5
.
6—
0
1s
n
t 2
h
—1
1k
c
o
l
C
r
e
t
f
a
e
m
i
T
d
l
o
H
.
g
e
R
B
L
G
0—0—
s
n
t 1
r
A2
1y
a
l
e
D
t
u
p
t
u
O
o
t
n
i
P
t
e
s
e
R
.
t
x
E—
5
.
3
1—
5
1s
n
t
1
w
r
—3
1n
o
i
t
a
r
u
D
e
s
l
u
P
t
e
s
e
R
.
t
x
E5
.
6—
2
1—
s
n
t
n
e
e
o
t
p
B4
1e
l
b
a
n
E
t
u
p
t
u
O
o
t
t
u
p
n
I—
5
1—8
1s
n
t
s
i
d
e
o
t
p
C5
1e
l
b
a
s
i
D
t
u
p
t
u
O
o
t
t
u
p
n
I—
5
1—8
1s
n
t
n
e
e
o
g
B6
1e
l
b
a
n
E
t
u
p
t
u
O
E
O
l
a
b
o
l
G
—9—
2
1s
n
t
s
i
d
e
o
g
C7
1e
l
b
a
s
i
D
t
u
p
t
u
O
E
O
l
a
b
o
l
G
—9—
2
1s
n
t
n
e
e
o
t
—8
1e
l
b
a
n
E
t
u
p
t
u
O
E
O
t
s
e
T—
2
1—5
1s
n
t
s
i
d
e
o
t
—9
1e
l
b
a
s
i
D
t
u
p
t
u
O
E
O
t
s
e
T—
2
1—5
1s
n
t h
w
—0
2h
g
i
H
,
n
o
i
t
a
r
u
D
e
s
l
u
P
k
c
o
l
C
.
c
n
y
S
.
t
x
E
4—6—
s
n
t l
w
—1
2w
o
L
,
n
o
i
t
a
r
u
D
e
s
l
u
P
k
c
o
l
C
.
c
n
y
S
.
t
x
E
4—6—
s
n
t
3
u
s
—2
2)
4
Y
,
3
Y
(
k
c
o
l
C
.
c
n
y
S
.
t
x
E
e
r
o
f
e
b
e
m
i
T
p
u
t
e
S
.
g
e
R
O
/
I5
.
3
—5—
s
n
t 3
h
—3
2)
4
Y
,
3
Y
(
k
c
o
l
C
.
c
n
y
S
.
t
x
E
r
e
t
f
a
e
m
i
T
d
l
o
H
.
g
e
R
O
/
I
0—0—
s
n
.
P
R
O
d
n
a
h
t
a
p
R
O
X
T
P
0
2
e
s
u
s
r
e
t
e
m
a
r
a
p
ll
a
,
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
U
.
1
.
s
li
a
t
e
d
r
e
h
t
r
u
f
r
o
f
t
e
e
h
s
a
t
a
d
s
i
h
t
n
i
l
e
d
o
M
g
n
i
m
i
T
o
t
r
e
f
e
R
.
2
.
k
c
a
b
d
e
e
f
P
R
G
g
n
i
s
u
r
e
t
n
u
o
c
t
i
b
-
6
1
d
r
a
d
n
a
t
S
.
3
.
%
0
5
n
a
h
t
r
e
h
t
o
f
o
e
l
c
y
c
y
t
u
d
k
c
o
l
c
a
r
o
f
w
o
ll
a
o
t
s
i
s
i
h
T
.
)
l
w
t
+
h
w
t
(
/
1
n
a
h
t
s
s
e
l
e
b
y
a
m
)
e
l
g
g
o
T
(
x
a
m
f
.
4
.
n
o
i
t
c
e
s
s
n
o
i
t
i
d
n
o
C
t
s
e
T
g
n
i
h
c
t
i
w
S
e
c
n
e
r
e
f
e
R
.
5
s
p
e
.
2
9
1
6
.
t
x
E
g
n
i
m
i
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com