Electronic Components Datasheet Search
  English  ▼

X  

ISPLSI3192 Datasheet(PDF) 15 Page - Lattice Semiconductor

Part # ISPLSI3192
Description  High Density Programmable Logic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3192 Datasheet(HTML) 15 Page - Lattice Semiconductor

Back Button ISPLSI3192 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 14Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 15Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Specifications ispLSI 3192
15
Part Number Description
Ordering Information
COMMERCIAL
y
l
i
m
a
Ff
x
a
m
t d
p
r
e
b
m
u
N
g
n
i
r
e
d
r
Oe
g
a
k
c
a
P
I
S
L
p
s
i
0
0
10
1Q
L
0
0
1
-
2
9
1
3
I
S
L
p
s
iP
F
Q
P
n
i
P
-
0
4
2
0
0
10
12
7
2
B
L
0
0
1
-
2
9
1
3
I
S
L
p
s
iA
G
B
ll
a
B
-
2
7
2
0
75
1Q
L
0
7
-
2
9
1
3
I
S
L
p
s
iP
F
Q
P
n
i
P
-
0
4
2
0
75
12
7
2
B
L
0
7
-
2
9
1
3
I
S
L
p
s
iA
G
B
ll
a
B
-
2
7
2
2
9
1
3
/
1
4
0
0
-
2
e
l
b
a
T
INDUSTRIAL
y
l
i
m
a
Ff
x
a
m
t d
p
r
e
b
m
u
N
g
n
i
r
e
d
r
Oe
g
a
k
c
a
P
I
S
L
p
s
i
0
75
1I
Q
L
0
7
-
2
9
1
3
I
S
L
p
s
iP
F
Q
P
n
i
P
-
0
4
2
2
9
1
3
/
2
4
0
0
-
2
e
l
b
a
T
Device Number
Grade
Blank = Commercial
I = Industrial
ispLSI 3192
XXX
X XXXX
Speed
100 = 100 MHz
fmax
70 = 70 MHz
fmax
Power
L = Low
Package
Q = PQFP
B272 = BGA
—
Device Family
X
0212/3192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com