Electronic Components Datasheet Search
  English  ▼

X  

ISPLSI3192 Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISPLSI3192
Description  High Density Programmable Logic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3192 Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPLSI3192 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 14Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 15Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Specifications ispLSI 3192
11
Dedicated Clock inputs. These clock inputs are connected to one of the
clock inputs of all the I/O cells in the device.
Dedicated Clock inputs. These clock inputs are connected to one of the
clock inputs of all the GLBs on the device.
Active Low (0) Reset pin which resets all of the GLB and I/O registers in
the device.
Input — Dedicated in-system programming enable input pin. When this
pin is high, the BSCAN TAP controller pins TMS, TDI, TDO and TCK
are enabled. When this pin is brought low, the ISP state machine
control pins MODE, SDI, SDO and SLCK are enabled. High-to-low
transition of this pin will put the device in the programming mode and
put all I/O pins in high-Z state.
Input - This pin performs two functions. It is the Test Data input pin
when ispEN is logic high. When ispEN is logic low, it functions as an
input pin to load programming data into the device. SDI is also used as
one of the two control pins for the isp state machine.
Input/Output Pins - These are the general purpose I/O pins used by the
logic array.
NAME
Table 2 - 0002/3192
PQFP PIN NUMBERS
DESCRIPTION
36,
43,
50,
57,
64,
71,
78,
85,
92,
99,
106,
113,
120,
127,
134,
141,
156,
163,
170,
177,
184,
191,
198,
205,
212,
219,
226,
233,
240,
7,
14,
21,
37,
44,
51,
58,
65,
72,
79,
86,
93,
100,
107,
114,
121,
128,
135,
142,
157,
164,
171,
178,
185,
192,
199,
206,
213,
220,
227,
234,
1,
8,
15,
22,
38,
45,
52,
59,
66,
73,
80,
87,
94,
101,
108,
115,
122,
129,
136,
143,
158,
165,
172,
179,
186,
193,
200,
207,
214,
221,
228,
235,
2,
9,
16,
23,
I/O 0 - I/O 5
I/O 6 - I/O 11
I/O 12 - I/O 17
I/O 18 - I/O 23
I/O 24 - I/O 29
I/O 30 - I/O 35
I/O 36 - I/O 41
I/O 42 - I/O 47
I/O 48 - I/O 53
I/O 54 - I/O 59
I/O 60 - I/O 65
I/O 66 - I/O 71
I/O 72 - I/O 77
I/O 78 - I/O 83
I/O 84 - I/O 89
I/O 90 - I/O 95
I/O 96 - I/O 101
I/O 102 - I/O 107
I/O 108 - I/O 113
I/O 114 - I/O 119
I/O 120 - I/O 125
I/O 126 - I/O 131
I/O 132 - I/O 137
I/O 138 - I/O 143
I/O 144 - I/O 149
I/O 150 - I/O 155
I/O 156 - I/O 161
I/O 162 - I/O 167
I/O 168 - I/O 173
I/O 174 - I/O 179
I/O 180 - I/O 185
I/O 186 - I/O 191
39,
46,
53,
60,
67,
74,
81,
88,
95,
102,
109,
116,
123,
130,
137,
144,
159,
166,
173,
180,
187,
194,
201,
208,
215,
222,
229,
236,
3,
10,
17,
24,
40,
47,
54,
61,
68,
75,
82,
89,
96,
103,
110,
117,
124,
131,
138,
145,
160,
167,
174,
181,
188,
195,
202,
209,
216,
223,
230,
237,
4,
11,
18,
25,
41,
48,
55,
62,
69,
76,
83,
90,
97,
104,
111,
118,
125,
132,
139,
146,
161,
168,
175,
182,
189,
196,
203,
210,
217,
224,
231,
238,
5,
12,
19,
26
Global Output Enable input pins.
152 and 153
GOE0 and GOE1
33
RESET
35, 34, 148
Y0, Y1 and Y2
149, 151
Y3 and Y4
32
BSCAN/ispEN2
30
TDI/SDI2
29
TCK/SCLK2
28
TMS/MODE2
155
TRST/NC1, 2
27
TDO/SDO2
147
No Connect
1. NC pins are not to be connected to any active signal, Vcc or GND.
2. Pins have dual function capability.
NC1
Output - This pin performs two functions. When ispEN is logic low, it
functions as the pin to read the isp data. When ispEN is high it functions
as Test Data Out.
Input - Test Reset, active low to reset the Boundary Scan State
Machine.
Input - This pin performs two functions. It is the Test Mode Select input
pin when ispEN is logic high. When ispEN is logic low, it functions as
pin to control the operation of the isp state machine.
Input - This pin performs two functions. It is the Test Clock input pin
when ispEN is logic high. When ispEN is logic low, it functions as a
clock pin for the Serial Shift Register.
Test output enable pin. TOE tristates all I/O pins when a logic low
is driven.
154
TOE
Ground (GND)
13,
105,
197,
31,
119,
211,
49,
133,
225,
GND
63,
150,
239
77,
169,
91,
183,
84,
176,
V
6,
98,
190,
20,
112,
204,
42,
126,
218,
VCC
56,
140,
232
70,
162,
CC
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com