Electronic Components Datasheet Search
  English  ▼

X  

ISPLSI3192 Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # ISPLSI3192
Description  High Density Programmable Logic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3192 Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button ISPLSI3192 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 14Page - Lattice Semiconductor ISPLSI3192 Datasheet HTML 15Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Specifications ispLSI 3192
12
Signal Locations and Descriptions
Dedicated Clock inputs. These clock inputs are connected to one of the
clock inputs of all the I/O cells in the device.
Dedicated Clock inputs. These clock inputs are connected to one of the
clock inputs of all the GLBs on the device.
Active Low (0) Reset pin which resets all of the GLB and I/O registers in
the device.
Input – Dedicated in-system programming enable input pin. When this
pin is high, the BSCAN TAP controller pins TMS, TDI, TDO and TCK
are enabled. When this pin is brought low, the ISP state machine
control pins MODE, SDI, SDO and SLCK are enabled. High-to-low
transition of this pin will put the device in the programming mode and
put all I/O pins in high-Z state.
Input - This pin performs two functions. It is the Test Data input pin
when ispEN is logic high. When ispEN is logic low, it functions as an
input pin to load programming data into the device. SDI is also used as
one of the two control pins for the isp state machine.
Input/Output Pins - These are the general purpose I/O pins used by the
logic array.
NAME
Table 2 - 0002/3192.BGA
BGA BALL NUMBERS
DESCRIPTION
I/O 0 - I/O 5
I/O 6 - I/O 11
I/O 12 - I/O 17
I/O 18 - I/O 23
I/O 24 - I/O 29
I/O 30 - I/O 35
I/O 36 - I/O 41
I/O 42 - I/O 47
I/O 48 - I/O 53
I/O 54 - I/O 59
I/O 60 - I/O 65
I/O 66 - I/O 71
I/O 72 - I/O 77
I/O 78 - I/O 83
I/O 84 - I/O 89
I/O 90 - I/O 95
I/O 96 - I/O 101
I/O 102 - I/O 107
I/O 108 - I/O 113
I/O 114 - I/O 119
I/O 120 - I/O 125
I/O 126 - I/O 131
I/O 132 - I/O 137
I/O 138 - I/O 143
I/O 144 - I/O 149
I/O 150 - I/O 155
I/O 156 - I/O 161
I/O 162 - I/O 167
I/O 168 - I/O 173
I/O 174 - I/O 179
I/O 180 - I/O 185
I/O 186 - I/O 191
Global Output Enable input pins.
K17 and J20
GOE0 and GOE1
M1
RESET
M3, M2, L20
Y0, Y1 and Y2
K20, K18
Y3 and Y4
L4
BSCAN/ispEN2
L3
TDI/SDI2
L2
TCK/SCLK2
L1
TMS/MODE2
J18
TRST/NC1, 2
K1
TDO/SDO2
Output - This pin performs two functions. When ispEN is logic low, it
functions as the pin to read the isp data. When ispEN is high it functions
as Test Data Out.
Input - Test Reset, active low to reset the Boundary Scan State
Machine.
Input - This pin performs two functions. It is the Test Mode Select input
pin when ispEN is logic high. When ispEN is logic low, it functions as
pin to control the operation of the isp state machine.
Input - This pin performs two functions. It is the Test Clock input pin
when ispEN is logic high. When ispEN is logic low, it functions as a
clock pin for the Serial Shift Register.
Test output enable pin. TOE tristates all I/O pins when a logic low is
driven.
J19
TOE
Ground (GND)
GND
V
VCC
CC
M4,
N1,
N2,
N3,
P1,
P2
P3,
R2,
T1,
P4,
R3,
T2
T3,
U2,
V1,
T4,
U3,
V2
V3,
W2,
Y1,
W3,
Y2,
W4
U5,
Y3,
Y4,
V5,
W5,
Y5
U7,
W6,
Y6,
V7,
W7,
Y7
V8,
W8,
Y8,
U9,
V9,
W9
W10, V10,
Y10,
Y11, W11,
V11
U11,
Y12,
W12, V12, U12,
Y13
V13,
Y14,
W14, Y15, V14,
W15
Y16,
U14,
V15,
W16, Y17,
V16
Y18,
U16,
V17,
W18, Y19,
V18
Y20,
W20, V19,
U19, U18,
T17
U20,
T18,
T19,
T20, R18,
P17
R20,
P18,
P19,
P20, N18,
N19
M17, M18, M19, M20, L19,
L18
J17,
H20,
H19,
H18, G20,
G19
G18,
F19,
E20,
G17, F18,
E19
E18,
D19,
C20,
E17, D18,
C19
C18,
B19,
A20,
A19, B18,
B17
D16,
A18,
A17,
C16, B16,
A16
D14,
B15,
A15,
C14, B14,
A14
C13,
B13,
A13,
D12, C12,
B12
B11,
C11,
A11,
A10, B10,
C10
D10,
A9,
B9,
C9,
D9,
A8
C8,
A7,
B7,
A6,
C7,
B6
A5,
D7,
C6,
B5,
A4,
C5
A3,
D5,
C4,
B3,
B2,
A2
C3,
B1,
C2,
D2,
D3,
E4
D1,
E3,
E2,
E1,
F3,
G4
F1,
G3,
G2,
G1,
H3,
H2
J4,
J3,
J2,
J1,
K2,
K3
A1, D4, D8, D13, D17, H4, H17, J9, J10,
J11, J12, K9, K10, K11, K12, L9, L10, L11,
L12, M9, M10, M11, M12, N4, N17, U4, U8,
U13, U17
D6, D11, D15, F4, F17, K4, L17, R4, R17,
U6, U10, U15
No Connect
NC
A12, B4, B8, B20, C1, C15, C17, D20, F2,
F20, H1, K19, N20, R1, R19, U1, V4, V6,
V20, W1, W13, W17, W19, Y9
1. NC pins are not to be connected to any active signal, Vcc or GND.
2. Pins have dual function capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com