Electronic Components Datasheet Search
  English  ▼

X  

BU21180FS Datasheet(PDF) 17 Page - Rohm

Part # BU21180FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21180FS Datasheet(HTML) 17 Page - Rohm

Back Button BU21180FS Datasheet HTML 13Page - Rohm BU21180FS Datasheet HTML 14Page - Rohm BU21180FS Datasheet HTML 15Page - Rohm BU21180FS Datasheet HTML 16Page - Rohm BU21180FS Datasheet HTML 17Page - Rohm BU21180FS Datasheet HTML 18Page - Rohm BU21180FS Datasheet HTML 19Page - Rohm BU21180FS Datasheet HTML 20Page - Rohm BU21180FS Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
17/40
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21180FS
TSZ02201-0L5L0F300930-1-2
06.Aug.2018 Rev.002
Register Description
Status Register Description
0x00-0x13: Sensor Data
Name:
DATA_CS
Address:
0x00-0x13
Description:
These registers show 8-bit sensor data of each sensor. These are compared with the register
“Switch ON
Threshold / Switch OFF Threshold
”, and these results are set to the register “Switch ON Detection” and
“Switch OFF Detection”. These 8-bit sensor data become 0 after calibration.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x00
R
0x00
DATA_CS0[7:0]
0x01
R
0x00
DATA_CS1[7:0]
0x02
R
0x00
DATA_CS2[7:0]
0x03
R
0x00
DATA_CS3[7:0]
0x04
R
0x00
DATA_CS4[7:0]
0x05
R
0x00
DATA_CS5[7:0]
0x06
R
0x00
DATA_CS6[7:0]
0x07
R
0x00
DATA_CS7[7:0]
0x08
R
0x00
DATA_CS8[7:0]
0x09
R
0x00
DATA_CS9[7:0]
0x0A
R
0x00
DATA_CS10[7:0]
0x0B
R
0x00
DATA_CS11[7:0]
0x0C
R
0x00
DATA_CS12[7:0]
0x0D
R
0x00
DATA_CS13[7:0]
0x0E
R
0x00
DATA_CS14[7:0]
0x0F
R
0x00
DATA_CS15[7:0]
0x10
R
0x00
DATA_CS16[7:0]
0x11
R
0x00
DATA_CS17[7:0]
0x12
R
0x00
DATA_CS18[7:0]
0x13
R
0x00
DATA_CS19[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com