Electronic Components Datasheet Search
  English  ▼

X  

BU21180FS Datasheet(PDF) 19 Page - Rohm

Part # BU21180FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21180FS Datasheet(HTML) 19 Page - Rohm

Back Button BU21180FS Datasheet HTML 15Page - Rohm BU21180FS Datasheet HTML 16Page - Rohm BU21180FS Datasheet HTML 17Page - Rohm BU21180FS Datasheet HTML 18Page - Rohm BU21180FS Datasheet HTML 19Page - Rohm BU21180FS Datasheet HTML 20Page - Rohm BU21180FS Datasheet HTML 21Page - Rohm BU21180FS Datasheet HTML 22Page - Rohm BU21180FS Datasheet HTML 23Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
19/40
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21180FS
TSZ02201-0L5L0F300930-1-2
06.Aug.2018 Rev.002
0x40-0x42: Interrupt Factor
Name:
INTERRUPT
Address:
0x40-0x42
Description:
These registers show the interrupt factor. The INTB pin outputs low level when the logical disjunction
(hereinafter, referred to as
“OR”) of the register address 0x40-0x42 becomes to 1, and outputs HIZ when the
result becomes 0. In the case the bit "MLT_SW_EN" in the register "Control Mode" is set to 0, while the OR
of the register address 0x41 is 1, the other switch operations are not detected. After the OR becomes 0, the
next switch operation is detectable.
0: Interrupt is undetected
1: Interrupt is detected
INT_FININI
: Initialization Completion Interrupt
When the initialization of MPU is completed, this bit is set to 1. This bit is cleared by setting 0 to the bit
“CLR_INT_FININI” in the register “Clear Interrupt Factor”.
INT_FINCAL
: Software Calibration Completion Interrupt
When software calibration is completed, this bit is set to 1. This bit is cleared by setting 0 to the bit
“CLR_INT_FINCAL” in the register “Clear Interrupt Factor”.
INT_FALCAL
: Calibration Failure Interrupt
When software calibration is failed, this bit is set to 1. This bit is cleared by setting 0 to the bit
“CLR_INT_FALCAL” in the register “Clear Interrupt Factor”.
INT_UNK
: Unexpected Long Press Detection Interrupt
When unexpected long press is detected, this bit is set to 1. The bit is set to 1 when the OR of the
register
“Unexpected Long Press Detection” is 1. This bit is cleared by setting 0 to the register “Clear
Unexpected Long Press Detection
”.
INT_NOISE
: Noise Detection Interrupt
When the sensors detect the noise, this bit is set to 1. This bit is cleared by setting 0 to the bit
“CLR_INT_NOISE” in the register “Clear Interrupt Factor”.
INT_SW_ON
: Switch ON Detection Interrupt
When the OR of the register
“Switch ON Detection” is 1, this bit is set to 1. This bit is cleared by setting 0
to the register
“Clear Switch ON Detection”.
INT_SW_OFF
: Switch OFF Detection Interrupt
When the OR of the register
“Switch OFF Detection” is 1, this bit is set to 1. This bit is cleared by setting
0 to the register
“Clear Switch OFF Detection”.
INT_HLD
: Switch Long Press Detection Interrupt
When the OR of the register
“Switch Long Press Detection” is 1, this bit is set to 1. This bit is cleared by
setting 0 to the register
“Clear Switch Long Press Detection”.
INT_HLDRPT
: Switch Repeated Long Press Detection Interrupt
When the OR of the register
“Switch Repeated Long Press Detection” is 1, this bit is set to 1. This bit is
cleared by setting 0 to the register
“Clear Switch Repeated Long Press Detection”.
INT_MULT_ON : Multiple Pattern Switches ON Detection Interrupt
When the OR of the register
“Multiple Pattern Switches ON Detection” is 1, this bit is set to 1. This bit is
cleared by setting 0 to the register
“Clear Multiple Pattern Switches ON Detection”.
INT_MULT_OFF: Multiple Pattern Switches OFF Detection Interrupt
When the OR of the register
“Multiple Pattern Switches OFF Detection” is 1, this bit is set to 1. This bit is
cleared by setting 0 to the register
“Clear Multiple Pattern Switches OFF Detection”.
INT_AVDDON
: AVDD ON Detection Interrupt
When AVDD voltage outputs, this bit is set to 1. This bit is cleared by setting 0 to the bit
“CLR_INT_AVDDON” in the register “Clear Interrupt Factor”. This function is not for failure diagnosis of
AVDD.
INT_AVDDOFF : AVDD OFF Detection Interrupt
When AVDD voltage does not output, this bit is set to 1. This bit is cleared by setting 0 to the bit
“CLR_INT_AVDDOFF” in the register “Clear Interrupt Factor”. This function is not for failure diagnosis of
AVDD.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x40
R
0x01
INT_
NOISE
INT_UNK
-
-
INT_
FALCAL
INT_
FINCAL
-
INT_
FININI
0x41
R
0x00
-
-
INT_MULT
_OFF
INT_MULT
_ON
INT_
HLDRPT
INT_HLD
INT_
SW_OFF
INT_
SW_ON
0x42
R
0x00
-
-
-
-
-
-
INT_
AVDDOFF
INT_
AVDDON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com