Electronic Components Datasheet Search
  English  ▼

X  

BU21180FS Datasheet(PDF) 8 Page - Rohm

Part # BU21180FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21180FS Datasheet(HTML) 8 Page - Rohm

Back Button BU21180FS Datasheet HTML 4Page - Rohm BU21180FS Datasheet HTML 5Page - Rohm BU21180FS Datasheet HTML 6Page - Rohm BU21180FS Datasheet HTML 7Page - Rohm BU21180FS Datasheet HTML 8Page - Rohm BU21180FS Datasheet HTML 9Page - Rohm BU21180FS Datasheet HTML 10Page - Rohm BU21180FS Datasheet HTML 11Page - Rohm BU21180FS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8/40
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21180FS
TSZ02201-0L5L0F300930-1-2
06.Aug.2018 Rev.002
Interface Specification
2-wire Serial Bus Interface
Compatible with I2C Protocol
Support Slave Mode Only
7bit Slave Address = 0x5C (in case of ADDR=L) / 0x5D (in case of ADDR=H)
Support Sequential Read
Support Clock Stretching
Figure 7. 2-wire Serial Bus Data Format
SDA
tLOW
tHD;STA
SCL
repeated
START
condition
tHD;DAT
tHIGH
tHD;STA
tSU;STA
tSU;DAT
tBUF
tSU;STO
STOP
condition
START
condition
START
condition
Figure 8. 2-wire Serial Bus Data Timing Chart
2-wire Serial Bus Interface Electrical Characteristics (Unless otherwise specified VDD=5.0V Ta=25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
SCL Clock Frequency
fSCL
0
-
400
kHz
-
Hold Time (repeated) START
Condition
tHD;STA
0.6
-
-
µs
-
Low Period of the SCL Clock
tLOW
1.3
-
-
µs
-
High Period of the SCL Clock
tHIGH
0.6
-
-
µs
-
Data Hold Time
tHD;DAT
0
-
-
µs
-
Data Set-up Time
tSU;DAT
0.1
-
-
µs
-
Set-up Time for a Repeated
START Condition
tSU;STA
0.6
-
-
µs
-
Set-up Time for STOP Condition
tSU;STO
0.6
-
-
µs
-
Bus Free Time between STOP
and START Condition
tBUF
1.3
-
-
µs
-
SDA
SCL
S
START
1-7
8
9
1-7
8
9
1-7
8
9
P
Address
R/W
ACK
Data
ACK
Data
NACK
/ACK
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com