Electronic Components Datasheet Search
  English  ▼

X  

BU21180FS Datasheet(PDF) 27 Page - Rohm

Part # BU21180FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21180FS Datasheet(HTML) 27 Page - Rohm

Back Button BU21180FS Datasheet HTML 23Page - Rohm BU21180FS Datasheet HTML 24Page - Rohm BU21180FS Datasheet HTML 25Page - Rohm BU21180FS Datasheet HTML 26Page - Rohm BU21180FS Datasheet HTML 27Page - Rohm BU21180FS Datasheet HTML 28Page - Rohm BU21180FS Datasheet HTML 29Page - Rohm BU21180FS Datasheet HTML 30Page - Rohm BU21180FS Datasheet HTML 31Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
27/40
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21180FS
TSZ02201-0L5L0F300930-1-2
06.Aug.2018 Rev.002
0x9D: Drift Calibration
Name:
DRIFT_CAL_CFG
Address:
0x9D
Description:
This register configures the calibration to be performed at detecting the drift state.
ADJ_DET_NUM[4:0]: Drift Calibration Condition
When the register
“Sensor Data” is larger than a quarter value of the register “Switch ON Threshold” or a
value of the register
“Switch OFF Threshold”, the sensor is recognized as the drift state sensor. When the
number of the drift state sensors is larger than ADJ_DET_NUM[4:0], drift state is detected and calibration
is performed.
ADJ_ALL_EN: Drift Calibration Selection
In the case this bit is set to 0, the drift calibration is performed except the sensor with switch ON state. In
the case this bit is set to 1, the drift calibration is performed for all sensors regardless of switch ON / OFF
state.
0: The drift calibration is performed except the sensors with switch ON state.
1: The drift calibration is performed for all sensors regardless of switch ON / OFF state.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x9D
R/W
0x09
ADJ_ALL
_EN
-
-
ADJ_DET_NUM[4:0]
0x9E: Noise Calibration
Name:
NOISE_CAL_CFG
Address:
0x9E
Description:
This register configures the calibration to be performed at detecting the noise state.
NOISE_DET_NUM[4:0]: Noise Calibration Condition
When the plural sensors are simultaneously the switch ON state, the sensors are recognized as the noise
state sensor. When the number of the noise state sensors is larger than ADJ_DET_NUM[4:0], noise state
is detected and calibration is performed.
NOISE_SFT_EN: Noise Shift Configuration
The noise calibration is performed without the shift of sampling frequency in the case this bit is set to 0.
The calibration is performed after shifting sampling frequency in the case this bit is set to 1.
0: Only noise calibration is performed.
1: The noise calibration is performed after shifting sampling frequency.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x9E
R/W
0x89
NOISE
_SFT_EN
-
-
NOISE_DET_NUM[4:0]
0x9F: Periodical Calibration
Name:
TIME_PERCAL_CFG
Address:
0x9F
Description:
This register configures the interval time of the periodical calibration. In the case this register is set to 0, the
periodical calibration is not performed. The periodical calibration is performed for the sensors whose the
register
“Sensor Data” is not larger than the register “Switch ON Threshold”.
Interval time of the periodical calibration = TIME_PERCAL[7:0] x Approximately 5s
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x9F
R/W
0x3C
TIME_PERCAL[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com