Electronic Components Datasheet Search
  English  ▼

X  

BU21180FS Datasheet(PDF) 5 Page - Rohm

Part # BU21180FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21180FS Datasheet(HTML) 5 Page - Rohm

  BU21180FS Datasheet HTML 1Page - Rohm BU21180FS Datasheet HTML 2Page - Rohm BU21180FS Datasheet HTML 3Page - Rohm BU21180FS Datasheet HTML 4Page - Rohm BU21180FS Datasheet HTML 5Page - Rohm BU21180FS Datasheet HTML 6Page - Rohm BU21180FS Datasheet HTML 7Page - Rohm BU21180FS Datasheet HTML 8Page - Rohm BU21180FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5/40
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21180FS
TSZ02201-0L5L0F300930-1-2
06.Aug.2018 Rev.002
Block Diagram
LOGIC
AVDD
C/V Converter , A/D Converter
DVDD
・
・
・
CS0
CS19
Analog Controller
LDO28
LDO15
Power On Reset
MPU
Instruction
Memory
Work
Memory
HOST I/F
OSC
Timing
Generator
TEST1
SDA,SCL
ADDR
VDD
VSS
INTB
BUS
TEST
TEST2
Timer
RSTB
・
・
・
dummy
VDD
WDT
Figure 6. Block Diagram
Description of Block
MUX, Driver, C/V Converter, A/D Converter
This block converts from capacitance to voltage and the voltage to digital value for each sensor.
LDO28
This block is AVDD LDO that supplies 2.8V to MUX, Driver, C/V Converter and A/D Converter. Referred to as AVDD in
this document.
LDO15
This block is DVDD LDO that supplies 1.5V to OSC and LOGIC. Referred to as DVDD in this document.
OSC
This block is ring oscillator for MPU and LOGIC.
MPU
This block detects ON / OFF / Long Press of switches and performs automatic calibration based on the detection results.
The result is informed by the INTB pin.
Instruction Memory
This block is Program ROM for MPU.
Work Memory
This block is Working RAM for MPU.
HOST I/F
2-wire serial bus interface compatible with I2C protocol.
Analog Controller
This block is control sequencer for MUX, Driver, C/V Converter and A/D Converter.
WDT
This block is watchdog timer reset. When the MPU is hang-upped, the system is reset by WDT.
Timing Generator, Timer
This block generates clock for MPU peripherals based on OSC clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com