Electronic Components Datasheet Search
  English  ▼

X  

21620002 Datasheet(PDF) 11 Page - ROSE Systemtechnik GmbH

Part # 21620002
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

21620002 Datasheet(HTML) 11 Page - ROSE Systemtechnik GmbH

Back Button 21620002 Datasheet HTML 7Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 8Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 9Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 10Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 11Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 12Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 13Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 14Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 15Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Robust aluminium enclosure for mechanical engineering and automation
technology
Fastening options for mounting rails and mounting plates
Applicable in wide temperature ranges
Technical data
Material:
DIN EN 1706 AC-AlSi12 (Fe)
DIN EN 1706 AC - AlSi12 (a)
Surface:
Powder coating, silk gloss structure
Colour:
RAL 7001, silver-grey
Special paint finish on request
Ingress protection:
IP66 according to EN 60529
Impact resistance:
IK09 according to DIN EN 60068-2-75
Temperature resistance:
PU (polyurethane) seal (standard): -40 °C to +80 °C
CR (chloroprene) seal (optional): -30 °C to +90 °C
VMQ (silicone) seal (optional): -60 °C to +175 °C
EMC (silicone) seal (optional): -55 °C to +125 °C
Included in delivery
Aluminium enclosure consisting
of lid, seal, incl. captive +/-
stainless steel screws, bottom
part with 2 or 4 earthing screws
3-D data
and drawings
Aluminium Standard
Aluminium enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
1
) Galvanised sheet steel, 2) Stainless steel, 3) Die-cast aluminium, 4) Please state installation side A-D when ordering.
Product overview
Standard enclosure
Order no.
W x L x H
(mm)
Mounting rails
for terminals
Earthing rails
Clamping piece
Mounting plates
Thickness in mm
External fixing
brackets
Pair
External hinges
Pair
Hinges
inside
Pair
Turning
latchlock
1
)
1
)
1
)
2
)
3
) 4)
2
) 4)
4
)
01 05 05 03 0
45 x 50 x 30
01 06 06 03 0
64 x 58 x 34
01 06 10 03 0
64 x 98 x 34
*
01 06 12 00 0
64 x 115 x 34
*
01 06 19 00 0
64 x 185 x 34
*
01 06 15 03 0
64 x 150 x 34
*
01 06 19 03 0
64 x 185 x 34
*
01 08 08 06 0
80 x 75 x 57
*
1,5
*
01 08 13 06 0
80 x 125 x 57
*
1,5
*
01 08 18 06 0
80 x 175 x 57
*
1,5
*
01 08 25 05 0
80 x 250 x 52
*
*
01 10 10 08 0
100 x 100 x 81
*
1,5
*
*
01 10 16 08 0
100 x 160 x 81
*
1,5
*
*
01 10 20 08 0
100 x 200 x 81
*
1,5
*
*
01 12 12 08 0
120 x 122 x 81
*
6
1,5
*
*
01 12 12 09 0
120 x 122 x 91
*
6
1,5
*
*
01 12 22 08 0
120 x 220 x 81
*
13
1,5
*
*
01 12 22 09 0
120 x 220 x 91
*
13
1,5
*
*
01 12 22 12 0
120 x 220 x 118
*
13
1,5
*
*
01 12 36 08 0
120 x 360 x 81
*
23
1,5
*
*
01 14 14 09 0
140 x 140 x 91
*
6
1,5
*
*
01 14 20 09 0
140 x 200 x 91
*
11
1,5
*
*
*
01 16 16 09 0
160 x 160 x 91
*
8
1,5
*
*
*
*
01 16 26 09 0
160 x 260 x 91
*
16
1,5
*
*
*
*
01 16 26 16 0
160 x 260 x 160
*
16
1,5
*
*
*
*
01 16 36 09 0
160 x 360 x 91
*
23
1,5
*
*
*
*
01 16 56 09 0
160 x 560 x 91
*
36
2,0
*
*
*
*
01 18 18 10 0
180 x 180 x 101
*
8
1,5
*
*
*
*
01 18 28 10 0
180 x 280 x 101
*
17
1,5
*
*
*
*
01 23 10 11 0
230 x 100 x 111
*
13
1,5
*
*
*
*
01 23 20 11 0
232 x 202 x 111
*
10
1,5
*
*
*
*
01 23 20 18 0
232 x 202 x 181
*
10
1,5
*
*
*
*
01 23 28 11 0
230 x 280 x 111
*
16
1,5
*
*
*
*
01 23 33 11 0
230 x 330 x 111
*
21
1,5
*
*
*
*
01 23 33 18 0
230 x 330 x 181
*
21
1,5
*
*
*
*
01 23 40 11 0
230 x 400 x 111
*
25
2
*
*
*
*
01 23 40 18 0
230 x 400 x 181
*
25
2
*
*
*
*
01 23 40 23 0
230 x 400 x 225
*
25
2
*
*
*
*
01 23 60 11 0
230 x 600 x 111
*
40
2
*
*
*
*
01 31 40 11 0
313 x 404 x 111
*
25
2
*
*
*
*
01 31 40 14 0
312 x 403 x 141
*
25
2
*
*
*
*
01 31 40 18 0
313 x 404 x 181
*
25
2
*
*
*
*
01 31 40 23 0
313 x 404 x 227
*
25
2
*
*
*
*
01 31 60 11 0
310 x 600 x 111
*
40
2
*
*
*
*
01 31 60 18 0
310 x 600 x 181
*
40
2
*
*
*
*
01 60 60 20 0
600 x 600 x 202
*
2,5
Aluminium Standard
Aluminium enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
EN 45545-2
Page
21
ENCLOSURE SYSTEMS
Page
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com