Electronic Components Datasheet Search
  English  ▼

X  

21620002 Datasheet(PDF) 37 Page - ROSE Systemtechnik GmbH

Part # 21620002
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

21620002 Datasheet(HTML) 37 Page - ROSE Systemtechnik GmbH

Back Button 21620002 Datasheet HTML 33Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 34Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 35Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 36Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 37Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 38Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 39Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 40Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 41Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
Wall profile (2 pieces)
For insertion into system groove as wall mounting
NoVoTronic 80
Accessories
Order no.
for type
Dimensions
A
B
C
07 50 90 06 0 NoVoTronic 80
107,0
33,5
20,0
07 50 90 07 0 NoVoTronic 100
127,0
33,5
20,0
07 50 90 14 0 NoVoTronic 130
158,0
51,8
25,0
Order no.
for type
83.90 00 03
for 9V block
83.90 00 06
for 4 x AA cells
Order no.
for type
Dimensions
A
B
C
07 50 90 03 0 NoVoTronic 80
74,0
99,0
41,2
07 50 90 04 0 NoVoTronic 100
90,0
119,0
41,2
07 50 90 15 0 NoVoTronic 130
116,5
150,0
51,2
07 50 90 05 0 NoVoTronic 160
150,0
183,5
61,5
Foot- / connecting element
(1 piece)
for stacking or mechanically
connecting enclosures
Battery compartment
NoVo-Wall holder
for wall mounting and
as a connection to e.g.
Commander
Lid wall holder 80/100 (2 pieces)
For screwing onto the enclosure cover as a swivelling wall bracket
Swivelling range when mounted on a straight surface and attached to the
centre of the lid:
NoVoTronic 80 +40°
NoVoTronic 100 +30°
Order no. 07 50 90 02 0
NoVoTronic
ELECTRONIC ENCLOSURES
INDUSTRIAL ENCLOSURES
Applications
Wavetronic
ELECTRONIC ENCLOSURES
INDUSTRIAL ENCLOSURES
Page
73
ENCLOSURE SYSTEMS
Page
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com