Electronic Components Datasheet Search
  English  ▼

X  

21620002 Datasheet(PDF) 36 Page - ROSE Systemtechnik GmbH

Part # 21620002
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

21620002 Datasheet(HTML) 36 Page - ROSE Systemtechnik GmbH

Back Button 21620002 Datasheet HTML 32Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 33Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 34Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 35Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 36Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 37Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 38Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 39Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 40Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Included in delivery
Enclosure with two die-cast
aluminium covers and two
functional insert strips, not
screwed on
3-D data
and drawings
Technical data
Material:
Enclosure profile: DIN EN 573 EN AW-AlMgSi
Enclosure lid: DIN EN 1706 EN AC-AlSi 12 (Fe)
Colour:
Enclosure body and enclosure lid: RAL 9005, jet black
Functional insert strips: RAL 3003, ruby red
Surface:
Powder coating, fine structure matt
Protection class:
IP65 according to EN 60529
EMC:
Optional EMC version
Temperature resistance:
PU (polyurethane) seal (standard): -40 °C to +80 °C
CR (chloroprene) seal (optional): -30 °C to +90 °C
VMQ (silicone) seal (optional): -60 °C to +175 °C
EMC (silicone) seal (optional): -55 °C to +200 °C
Product overview
Type
Order no. Standard
Order no. EMC Version
Weight
(g)
External enclosure
dimensions
W x H x D (mm)
Internal enclosure
dimensions
W x H x D (mm)
NoVoTronic 80
NoVo-Tronic 80-100
07 50 10 10 0
07 51 10 10 0
480
106 x 49 x 120
80 x 36 x 100
NoVo-Tronic 80-160
07 50 10 11 0
07 51 10 11 0
660
106 x 49 x 180
80 x 36 x 160
NoVo-Tronic 80-200
07 50 10 12 0
07 51 10 12 0
780
106 x 49 x 220
80 x 36 x 200
NoVo-Tronic 80-SL
07 50 10 99 0
07 51 10 99 0
106 x 49 x SL
80 x 36 x SL
NoVoTronic 100
NoVo-Tronic 100-100
07 50 20 10 0
07 51 20 10 0
550
126 x 49 x 120
100 x 36 x 100
NoVo-Tronic 100-160
07 50 20 11 0
07 51 20 11 0
750
126 x 49 x 180
100 x 36 x 160
NoVo-Tronic 100-200
07 50 20 12 0
07 51 20 12 0
880
126 x 49 x 220
100 x 36 x 200
NoVo-Tronic 100-SL
07 50 20 99 0
07 51 20 99 0
126 x 49 x SL
100 x 36 x SL
NoVoTronic 130
NoVo-Tronic 130-130
07 50 25 10 0
07 51 25 10 0
880
157 x 69 x 150
130 x 57 x 130
NoVo-Tronic 130-160
07 50 25 11 0
07 51 25 11 0
1020
157 x 69 x 180
130 x 57 x 160
NoVo-Tronic 130-200
07 50 25 12 0
07 51 25 12 0
1200
157 x 69 x 220
130 x 57 x 200
NoVo-Tronic 130-SL
07 50 25 99 0
07 51 25 99 0
157 x 69 x SL
130 x 57 x SL
NoVoTronic 160
NoVo-Tronic 160-160
07 50 30 10 0
07 51 30 10 0
1500
190 x 90 x 180
160 x 76 x 160
NoVo-Tronic 160-200
07 50 30 11 0
07 51 30 11 0
1800
190 x 90 x 220
160 x 76 x 200
NoVo-Tronic 160-300
07 50 30 12 0
07 51 30 12 0
2500
190 x 90 x 320
160 x 76 x 300
NoVo-Tronic 160-SL
07 50 30 99 0
07 51 30 99 0
190 x 90 x SL
160 x 76 x SL
NoVoTronic 200
NoVo-Tronic 200-220
07 50 40 10 0
07 51 40 10 0
2500
233 x 121 x 240
200 x 105 x 220
NoVo-Tronic 200-280
07 50 40 11 0
07 51 40 11 0
3060
233 x 121 x 300
200 x 105 x 280
NoVo-Tronic 200-330
07 50 40 12 0
07 51 40 12 0
3450
233 x 121 x 350
200 x 105 x 330
NoVo-Tronic 200-SL
07 50 40 99 0
07 51 40 99 0
233 x 121 x SL
200 x 105 x SL
Accessories
Order no.
NoVoTronic 80
NoVoTronic 100
NoVoTronic 130 NoVoTronic 160 NoVoTronic 200
Wall profile 80/100-100
07 50 90 11 0
*
*
Wall profile 80/100-160
07 50 90 12 0
*
*
Wall profile 80/100-200
07 50 90 13 0
*
*
Wall profile 80/100-SL
07 50 90 99 0
*
*
Wall profile 130/160-130
07 50 91 11 0
*
*
Wall profile 130/160-160
07 50 91 12 0
*
*
Wall profile 130/160-200
07 50 91 13 0
*
*
Wall profile 130/160-300
07 50 91 14 0
*
*
Wall profile 130/160-SL
07 50 91 99 0
*
*
Lid wall holder 80/100
07 50 90 02 0
*
*
NoVo-Wall holder P80
07 50 90 03 0
*
NoVo-Wall holder P100
07 50 90 04 0
*
NoVo-Wall holder P130
07 50 90 15 0
*
NoVo-Wall holder P160
07 50 90 05 0
*
Foot- / connecting element 80
07 50 90 06 0
*
Foot- / connecting element 100
07 50 90 07 0
*
Foot- / connecting element 130
07 50 90 14 0
*
SL = Special length
NoVoTronic
ELECTRONIC ENCLOSURES
INDUSTRIAL ENCLOSURES
NoVoTronic
ELECTRONIC ENCLOSURES
INDUSTRIAL ENCLOSURES
DIN EN 45545-2
Aluminium profile enclosure system in 5 sizes for data, PC and MCR technology
Chip-free interior thanks to External screw channels
Integrated guide grooves for holding circuit boards
External function insert strips (Except NoVoTronic 200)
Variable length design thanks to profile technology
Page
71
ENCLOSURE SYSTEMS
Page
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com