Electronic Components Datasheet Search
  English  ▼

X  

21620002 Datasheet(PDF) 8 Page - ROSE Systemtechnik GmbH

Part # 21620002
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

21620002 Datasheet(HTML) 8 Page - ROSE Systemtechnik GmbH

Back Button 21620002 Datasheet HTML 4Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 5Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 6Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 7Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 8Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 9Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 10Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 11Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 12Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Agricultural technology
Industry solutions for agricultural technology
Almost 10% of earth’s surface is used agriculturally. The vehicles used are becoming more digitalized. Drones and
radio-controlled agricultural machinery with sensitive electronics are being used to make arable farming even
more efficient. Technicians and engineers like to speak of Smart-Farming-Systems.
Sensor technology
Satellite based GPS orientation
Robot technologies
ROSE Systemtechnik enclosures made of aluminium, stainless steel or polyester can protect any kind of electrical
fittings with protection classes up to IP 69K against
Vibrations
Water
Dust
Acids
Additionally, they reliably shield from electromagnetic interference and are especially shock-proof. Quick maintenan-
ce of the machines is assured trough easy handling.
Machine and plant construction
Industry solutions for the machine- and plant construction
More machines are needed to produce goods to meet the increasing demands of a steadily rising world population. ROSE
Systemtechnik offers different industrial enclosures for automation processes. We also support our customers in machi-
ne- and plant construction with custom-made enclosure concepts and excellent service. We score particularly well with:
Innovation
Reliability
Swiftness
Flexibility
Depending on the application machines and plants may need to withstand heavy exterior impact. In the food industry
as an example:
Chemical cleaning
Water
Food residues
That’s why industrial enclosures and system solutions from ROSE Systemtechnik are extremely durable and easy to
maintain. Built in components are interchangeable at any time.
Industries
Introduction
Industries
Introduction
Page
15
ENCLOSURE SYSTEMS
Page
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com