Electronic Components Datasheet Search
  English  ▼

X  

21620002 Datasheet(PDF) 38 Page - ROSE Systemtechnik GmbH

Part # 21620002
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

21620002 Datasheet(HTML) 38 Page - ROSE Systemtechnik GmbH

Back Button 21620002 Datasheet HTML 34Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 35Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 36Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 37Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 38Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 39Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 40Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 41Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 42Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
3-D data
and drawings
Technical data
Material:
Half shell: DIN EN 1706 EN AC-AlSi 12 (Fe)
Side profiles: DIN EN 573 EN AW-AlMgSi
Colour combination:
Enclosure RAL 7035, light grey
Base elements RAL 7024, graphite grey
or enclosure RAL 9005, jet black
Base elements RAL 3003, ruby red
Protection class:
IP40 according to EN 60529
Surface:
Powder coating, silk gloss texture
Temperature resistance:
-40 °C to +80 °C
Product overview
Type
Order no.
External enclosure
dimensions*
W x L x H (mm)
Weight
(g)
Colour
combinations
Front panel / rear wall
(Set, 2 pcs.)
Max. front panel
area
Wavetronic 1
07 70 01 01 0
324 x 268 x 55
2300
grey/anthracite
07 70 00 91 0
287 x 37
Wavetronic 1
07 70 02 01 0
324 x 268 x 55
2300
black/red
07 70 00 91 0
287 x 37
Wavetronic 2
07 70 01 02 0
324 x 268 x 101
2700
grau/anthrazit
07 70 00 92 0
287 x 83
Wavetronic 2
07 70 02 02 0
324 x 268 x 101
2700
black/red
07 70 00 92 0
287 x 83
Wavetronic 3
07 70 01 03 0
324 x 268 x 147
3100
grey/anthracite
07 70 00 93 0
287 x 129
Wavetronic 3
07 70 02 03 0
324 x 268 x 147
3100
black/red
07 70 00 93 0
287 x 129
Wavetronic 4
07 70 01 04 0
324 x 268 x 194
3500
grey/anthracite
07 70 00 94 0
287 x 176
Wavetronic 4
07 70 02 04 0
324 x 268 x 194
3500
black/red
07 70 00 94 0
287 x 176
Wavetronic Special height
07 70 01 99 0
324 x 268 x SH**
grey/anthracite
07 70 00 99 0
287 x SH***
Wavetronic Special height
07 70 02 99 0
324 x 268 x SH**
black/red
07 70 00 99 0
287 x SH***
* Dimensions without base elements
** Front panel area + 18
*** min. special height = 75 mm; max. special height = 300 mm
EMC version on request
Accessories
Type
Order no. EMC version
Support feet (2 pcs.), grey
07.70 00 81
Carrying handle
07.70 00 82
19“-Slide-in set (53TE / 3HE)
07.70 00 83
Spring nuts M4 (4 pcs.)
29.00 00 50
Spring nuts M5 (8 pcs.)
10.03 60 01
M4 (4 pcs.)
29 00 00 50 0
M5 (8 pcs.)
10 03 60 01 0
Spring nuts for fastening to the side profile
19“-Slide-in set
(for Wavetronic 3)
Order no. 07 70 00 83 0
Included in delivery
Enclosure system with base/head
elements; order front panel / rear
panel separately
Wavetronic
ELECTRONIC ENCLOSURES
INDUSTRIAL ENCLOSURES
Wavetronic
ELECTRONIC ENCLOSURES
INDUSTRIAL ENCLOSURES
Aluminium table-top enclosure for MCR technology
Customised height variants thanks to profile technology
Stacking option due to special foot shape
Contactless inside of enclosure
Internal mounting groove for M4 and M5 spring nuts
Page
75
ENCLOSURE SYSTEMS
Page
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com