Electronic Components Datasheet Search
  English  ▼

X  

21620002 Datasheet(PDF) 17 Page - ROSE Systemtechnik GmbH

Part # 21620002
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

21620002 Datasheet(HTML) 17 Page - ROSE Systemtechnik GmbH

Back Button 21620002 Datasheet HTML 13Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 14Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 15Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 16Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 17Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 18Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 19Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 20Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 21Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
Plastic enclosure with flange openings for automation technology
Possible combinations with other polyester flanged enclosures
Quick lock technology
Included in delivery
Plastic enclosure made of glass
fibre reinforced polyester consis-
ting of lid, seal, plastic quick-lock
screws, lower part with flange
openings (please order flange
plates separately)
Threaded bush set (4 pieces)
3-D data
and drawings
Product overview
(for all types)
Order no.
W x L x H (mm)
Flange
openings
Mounting plates
Front panel
on stud bolts
Mounting rails
TS 35
Earth rails
Silicone seal
for lids
14 01 00 00 0
170 x 270 x 136
2
14 00 00 11 0
14 00 00 27 0
10 06 17 21 0
10 06 21 01 0
*
14 02 00 00 0
270 x 270 x 136
4
14 00 00 12 0
14 00 00 28 0
10 06 17 22 0
10 06 21 01 0
*
14 03 00 00 0
270 x 541 x 136
6
14 00 00 13 0
14 00 00 29 0
10 06 17 23 0
10 06 21 02 0
*
Version with polycarbonate transparent lid
14 01 00 01 0
170 x 270 x 150
2
14 00 00 11 0
14 00 00 27 0
10 06 17 21 0
10 06 21 01 0
*
14 02 00 01 0
270 x 270 x 150
4
14 00 00 12 0
14 00 00 28 0
10 06 17 22 0
10 06 21 01 0
*
14 03 00 01 0
270 x 540 x 150
6
14 00 00 13 0
14 00 00 29 0
10 06 17 23 0
10 06 21 02 0
*
Flange, Mounting plate, External brackets and Accessories
Blind flange (for individual machining)
14 00 00 20 0
Lid hinges (2 pcs.) can be retrofitted for all types
14 00 00 26 0
Connecting flange
14 00 00 25 0
Technical data
Material:
glass-fibre reinforced thermoset polyester
Transparent lid: Polycarbonate
Colour:
RAL 7032, pebble grey
Protection class:
IP65 according to EN 60529
Impact resistance:
IK08 according to DIN EN 60068-2-75
Flammability:
Enclosure: V0 / self-Extinguishing, UL 94
Transparent lid: V2 / UL 94
Insulation:
Fully insulated according to VDE 0100
Disruptive strength:
Enclosure: 24 KV/mm, IEC 60243-1
Transparent lid: >30 KV/mm, IEC 60243-1
Toxicity:
halogen-free
Surface resistant:
Enclosure: 1011 Ohm, IEC 60093
Transparent lid: 1015 Ohm, IEC 60093
Temperature resistance:
Enclosure/lid:
CR (chloroprene) seal (standard): -40 °C to +90 °C
VMQ (silicone) seal (optional): -60 °C to +165 °C
Flanges: CR-(chloroprene) gasket (standard): -40 °C to +90 °C
VMQ (silicone) seal (optional): -60 °C to +165 °C
Transparent lid: -30 °C to +125 °C
Order no.
Version
14 00 00 20 0
undrilled
Blind flange
Connection flange
for connecting two polyester flange enclosures
Order no. 14 00 00 25 0
Lid hinges
Set = 2 pieces, retrofittable for all polyester flange enclosures
Order no. 14 00 00 26 0
Polyester Flange
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Polyester Flange
Polyester enclosures / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
33
ENCLOSURE SYSTEMS
Page
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com