Electronic Components Datasheet Search
  English  ▼

X  

21620002 Datasheet(PDF) 40 Page - ROSE Systemtechnik GmbH

Part # 21620002
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

21620002 Datasheet(HTML) 40 Page - ROSE Systemtechnik GmbH

Back Button 21620002 Datasheet HTML 35Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 36Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 37Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 38Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 39Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 40Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 41Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 42Page - ROSE Systemtechnik GmbH 21620002 Datasheet HTML 43Page - ROSE Systemtechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Protection Classes and Tightening Torques
IK protection classes and tightening torques
INDUSTRIAL ENCLOSURES
Protection Classes and Tightening Torques
IP AND NEMA PROTECTION CLASSES
INDUSTRIAL ENCLOSURES
On request, ROSE Systemtechnik develops and manufactures enclosures in accordance
with protection classes IP and NEMA (dust and water resistance) as well as IK (impact re-
sistance). All enclosures can be tested for compliance with the guidelines in our in-house
laboratory.
Protection classes and tightening torques
NEMA protection
classes
IP protection classes
1
IP20
2
IP21
3
IP54
3R
IP24
3S
IP54
4, 4x
IP56
5
IP52
6, 6P
IP67 (IP 68)
12, 12K
IP52
13
IP54
Meaning of the NEMA protection class:
Code number
Indoor/outdoor environmental conditions
1
2
3
3R
S
4
4X
5
6
6P
12
12K
13
Incidental contact with devices
x
x
x
x
x
x
x
x
x
x
Falling dirt
x
x
x
x
x
x
x
x
x
x
Falling and slightly splashing liquids
x
x
x
x
x
x
x
x
x
Flying dust, fluff and fibres
x
x
x
x
x
x
x
x
Splash and jet water
x
x
x
x
Seeping oil and coolant
x
x
x
x
Spraying and splashing oil or coolant
x
Corrosive agents
x
x
Occasional temporary submersion
x
x
Occasional permanent submersion
x
Incidental contact with devices
x
x
x
x
x
x
x
Rain, snow and sleet
x
x
x
x
x
x
x
Sleet
x
x
x
x
x
x
Flying dust
x
x
x
x
x
Jet water
x
x
x
x
Corrosive agents
x
Occasional temporary submersion
x
x
Occasional permanent submersion
x
Degrees of protection for contact and foreign body protection in
accordance with EN 60529
First digit
Naming
0
No protection
1
Protection against large foreign bodies
2
Protection against medium-sized foreign bodies
3
Protection against small foreign bodies
4
Protection against granular foreign bodies
5
Protection against dust deposits
6
Protection against dust ingress
Degrees of protection for water protection
Second digit
Naming
0
No protection
1
Protection against vertically falling dripping water
2
Protection against dripping water falling at an angle
3
Protection against water spray
4
Protection against splash water
5
Protection against water jets
6
Protection against flooding
7
Protection during immersion
8
Protection during submersion
9K
Protection against water during high-pressure/steam jet
cleaning
IK protection classes
IK code
Protection against mechanical impact
IK00
No protection
IK01-05
Impact < 1 joule
IK06
Blow 1 joule (500 g from 20 cm)
IK07
IK07 Impact 2 joule (500 g from 40 cm)
IK08
Impact 5 joules (1.7 kg from 29.5 cm)
IK09
Impact 10 joules (5 kg from 20 cm)
IK10
Impact 20 joules (5 kg from 40 cm)
Product group
Description
Size of the lid screw
Tightening torque in Nm
01
AL- enclosures
M4
1 – 2,5
01
AL- enclosures
M6
1 – 3,0
02
Polyester enclosures
M4
1 – 1,5
02
Polyester enclosures
M6
1 – 3,0
03
PC- enclosures
M4
1 – 2,0
03
PC- enclosures
M6
1 – 2,5
04
AluForm enclosures
M4
1 – 2,0
04
AluForm enclosures
M6
1 – 2,5
To ensure that enclosures provide optimum
protection, they should be fitted and sealed
correctly. ROSE Systemtechnik recommends
the following tightening torques for fastening
the required fixtures and the lid:
Page
79
ENCLOSURE SYSTEMS
Page
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com