Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 119 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 119 Page - Rohm

Back Button ML22Q533 Datasheet HTML 115Page - Rohm ML22Q533 Datasheet HTML 116Page - Rohm ML22Q533 Datasheet HTML 117Page - Rohm ML22Q533 Datasheet HTML 118Page - Rohm ML22Q533 Datasheet HTML 119Page - Rohm ML22Q533 Datasheet HTML 120Page - Rohm ML22Q533 Datasheet HTML 121Page - Rohm ML22Q533 Datasheet HTML 122Page - Rohm ML22Q533 Datasheet HTML 123Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 STOP command
・ Command
0
1
1
0
CH3
CH2
CH1
CH0
1st byte
The STOP command stops playing back the specified channel. Setting the CH0 to CH3 bit to "1" stops playback of the
corresponding channel. When the corresponding channel stops playing back, the NCR and BUSYB signals become "H".
The STOP command can be input regardless of the status of the NCR during playback operation. However, following the
elapse of CBUSYB "L" level output time 3 (tCB3), input the next command after confirming that the BUSYB signal
becomes "H".
If the BUSYB signal does not become "H", enter the STOP command again.
Refer to the "Playback stop flow" in the command flowchart for more information.
The channel settings are as follows:
Channeled
Description
CH0
Setting this bit to 1 stops channel 0.
CH1
Setting this bit to 1 stops channel 1.
CH2
Setting this bit to 1 stops channel 2.
CH3
Setting this bit to 1 stops channel 3.
Be sure to specify one of the channels for the channel setting (CH0-CH3).
Do not input it to "0" (all “0”) with specifying nothing. If it is input with specifying nothing (all "0"), the command is ignored.
For the timing of the STOP command, refer to the "STOP command (when the FAD bit is "L")" and "STOP command (when
the FAD bit is "H")" in the timing chart.
119/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com