Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 123 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 123 Page - Rohm

Back Button ML22Q533 Datasheet HTML 119Page - Rohm ML22Q533 Datasheet HTML 120Page - Rohm ML22Q533 Datasheet HTML 121Page - Rohm ML22Q533 Datasheet HTML 122Page - Rohm ML22Q533 Datasheet HTML 123Page - Rohm ML22Q533 Datasheet HTML 124Page - Rohm ML22Q533 Datasheet HTML 125Page - Rohm ML22Q533 Datasheet HTML 126Page - Rohm ML22Q533 Datasheet HTML 127Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 CVOL command
・ Command
1
0
1
0
CH3
CH2
CH1
CH0
1st byte
0
CV1
CV0
CV6
CV5
CV4
CV3
CV2
2nd byte
The CVOL command sets the playback volume of the specified channel. This command can be input regardless of the NCR
signal status.
Setting the CH0 to CH3 bit to 1 sets the volume of the corresponding channel.
The volume can be set at 128 levels.
The setting values are initialized when a reset is inserted (RESETB = "L") and PDWN command is input.
The CV1 and CV0 of the second bytes of the CVOL command are located at the top of the CV6 to CV2.
CV1,CV0,
CV6-CV2
Description
CV1,CV0,
CV6-CV2
Description
CV1,CV0,
CV6-CV2
Description
CV1,CV0,
CV6-CV2
Description
00
0.00dB
(initial value)
08
-2.59dB
10
-6.31dB
18
-12.93dB
20
-0.07dB
28
-2.69dB
30
-6.45dB
38
-13.24dB
40
-0.14dB
48
-2.78dB
50
-6.60dB
58
-13.57dB
60
-0.21dB
68
-2.88dB
70
-6.75dB
78
-13.91dB
01
-0.28dB
09
-2.98dB
11
-6.90dB
19
-14.26dB
21
-0.36dB
29
-3.08dB
31
-7.06dB
39
-14.63dB
41
-0.43dB
49
-3.18dB
51
-7.22dB
59
-15.02dB
61
-0.50dB
69
-3.28dB
71
-7.38dB
79
-15.42dB
02
-0.58dB
0A
-3.38dB
12
-7.55dB
1A
-15.85dB
22
-0.65dB
2A
-3.49dB
32
-7.72dB
3A
-16.29dB
42
-0.73dB
4A
-3.59dB
52
-7.89dB
5A
-16.76dB
62
-0.81dB
6A
-3.70dB
72
-8.06dB
7A
-17.26dB
03
-0.88dB
0B
-3.81dB
13
-8.24dB
1B
-17.79dB
23
-0.96dB
2B
-3.92dB
33
-8.43dB
3B
-18.35dB
43
-1.04dB
4B
-4.03dB
53
-8.61dB
5B
-18.95dB
63
-1.12dB
6B
-4.14dB
73
-8.80dB
7B
-19.59dB
04
-1.20dB
0C
-4.25dB
14
-9.00dB
1C
-20.28dB
24
-1.28dB
2C
-4.37dB
34
-9.20dB
3C
-21.04dB
44
-1.36dB
4C
-4.48dB
54
-9.40dB
5C
-21.87dB
64
-1.44dB
6C
-4.60dB
74
-9.61dB
7C
-22.78dB
05
-1.53dB
0D
-4.72dB
15
-9.83dB
1D
-23.81dB
25
-1.61dB
2D
-4.84dB
35
-10.05dB
3D
-24.97dB
45
-1.70dB
4D
-4.97dB
55
-10.27dB
5D
-26.31dB
65
-1.78dB
6D
-5.09dB
75
-10.50dB
7D
-27.89dB
06
-1.87dB
0E
-5.22dB
16
-10.74dB
1E
-29.83dB
26
-1.96dB
2E
-5.35dB
36
-10.99dB
3E
-32.33dB
46
-2.04dB
4E
-5.48dB
56
-11.24dB
5E
-35.85dB
66
-2.13dB
6E
-5.61dB
76
-11.50dB
7E
-41.87dB
07
-2.22dB
0F
-5.74dB
17
-11.77dB
1F
-44.37dB
27
-2.31dB
2F
-5.88dB
37
-12.04dB
3F
-47.89dB
47
-2.41dB
4F
-6.02dB
57
-12.33dB
5F
-53.91dB
67
-2.50dB
6F
-6.16dB
77
-12.62dB
7F
OFF
123/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com