Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 122 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 122 Page - Rohm

Back Button ML22Q533 Datasheet HTML 118Page - Rohm ML22Q533 Datasheet HTML 119Page - Rohm ML22Q533 Datasheet HTML 120Page - Rohm ML22Q533 Datasheet HTML 121Page - Rohm ML22Q533 Datasheet HTML 122Page - Rohm ML22Q533 Datasheet HTML 123Page - Rohm ML22Q533 Datasheet HTML 124Page - Rohm ML22Q533 Datasheet HTML 125Page - Rohm ML22Q533 Datasheet HTML 126Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 CLOOP command
・ Command
1
0
0
1
CH3
CH2
CH1
CH0
1st byte
The CLOOP command releases repeat playback of the specified channel. This command can be input regardless of the NCR
signal status.
Setting the CH0 to CH3 bit to "1" cancels repeat playback of the corresponding channel. When repeat playback is released,
the NCR signal becomes "H" level.
The channel settings are as follows:
Channeled
Description
CH0
Setting this bit to 1 cancels repeat playback on channel 0.
CH1
Setting this bit to 1 cancels repeat playback on channel 1.
CH2
Setting this bit to 1 cancels repeat playback on channel 2.
CH3
Setting this bit to 1 cancels repeat playback on channel 3.
Be sure to specify one of the channels for the channel setting (CH0-CH3).
Do not input it to "0" (all “0”) with specifying nothing. If it is input with specifying nothing (all "0"), the command is ignored.
For the timing of the CLOOP command, refer to the "Repeat playback setting/release timing by SLOOP/CLOOP command"
in the timing chart.
122/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com