Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 121 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 121 Page - Rohm

Back Button ML22Q533 Datasheet HTML 117Page - Rohm ML22Q533 Datasheet HTML 118Page - Rohm ML22Q533 Datasheet HTML 119Page - Rohm ML22Q533 Datasheet HTML 120Page - Rohm ML22Q533 Datasheet HTML 121Page - Rohm ML22Q533 Datasheet HTML 122Page - Rohm ML22Q533 Datasheet HTML 123Page - Rohm ML22Q533 Datasheet HTML 124Page - Rohm ML22Q533 Datasheet HTML 125Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 SLOOP command
・ Command
1
0
0
0
CH3
CH2
CH1
CH0
1st byte
The SLOOP command sets the repeat playback of the specified channel. Setting the CH0 to CH3 bit to 1 repeatedly plays
back the corresponding channel. This command can be input when the NCR signal of the corresponding channel is "H" level.
When repeat playback is set, playback is repeatedly performed until the repeat playback setting is canceled by the CLOOP
command or playback is stopped by the STOP command. Also, if the phrase has been edited, the edited phrase is played
repeatedly.
The channel settings are as follows:
Channeled
Description
CH0
Setting this bit to 1 repeats playback on channel 0.
CH1
Setting this bit to 1 repeats playback on channel 1.
CH2
Setting this bit to 1 repeats playback on channel 2.
CH3
Setting this bit to 1 repeats playback on channel 3.
Be sure to specify one of the channels for the channel setting (CH0-CH3).
Do not input it to "0" (all “0”) with specifying nothing. If it is input with specifying nothing (all "0"), the command is
ignored.
For the timing of the SLOOP command, refer to the "Repeat playback setting/release timing by SLOOP/CLOOP command"
in the timing chart.
121/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com