Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 120 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 120 Page - Rohm

Back Button ML22Q533 Datasheet HTML 116Page - Rohm ML22Q533 Datasheet HTML 117Page - Rohm ML22Q533 Datasheet HTML 118Page - Rohm ML22Q533 Datasheet HTML 119Page - Rohm ML22Q533 Datasheet HTML 120Page - Rohm ML22Q533 Datasheet HTML 121Page - Rohm ML22Q533 Datasheet HTML 122Page - Rohm ML22Q533 Datasheet HTML 123Page - Rohm ML22Q533 Datasheet HTML 124Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 MUON command
・ Command
0
1
1
1
CH3
CH2
CH1
CH0
1st byte
M7
M6
M5
M4
M3
M2
M1
M0
2nd byte
The MUON command inserts silence between two phrases to be played. This command can be inputted when the NCR
signal of the corresponding channel is "H" level.
Repeated playing back (the SLOOP command) of the MUON command is not possible.
The silence duration (tmu) is specified by the M7-M0 bits and can be set from 20ms to 1,024ms in 252 steps at 4ms intervals.
The equation for setting the silence duration (tmu) is as follows.
However, set the silence setting (M7-M0) to 04h or more (tmu≥20ms).
tmu=(2
7×(M7)+26×(M6)+25×(M5)+24×(M4)+23×(M3)+22×(M2)+21×(M1)+20×(M0)+1)×4ms
The channel settings are as follows:
Channeled
Description
CH0
Setting this bit to 1 inserts silence into channel 0.
CH1
Setting this bit to 1 inserts silence into channel 1.
CH2
Setting this bit to 1 inserts silence into channel 2.
CH3
Setting this bit to 1 inserts silence into channel 3.
Be sure to specify one of the channels for the channel setting (CH0-CH3).
Do not input it to "0" (all “0”) with specifying nothing. If it is input with specifying nothing (all "0"), the command is
ignored.
For the timing of the MUON command, refer to the "Playback start timing by MUON command" in the timing chart.
For the timing of continuous playback, refer to the "Continuous playback timing by MUON command" in the timing chart.
120/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com