Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 124 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 124 Page - Rohm

Back Button ML22Q533 Datasheet HTML 120Page - Rohm ML22Q533 Datasheet HTML 121Page - Rohm ML22Q533 Datasheet HTML 122Page - Rohm ML22Q533 Datasheet HTML 123Page - Rohm ML22Q533 Datasheet HTML 124Page - Rohm ML22Q533 Datasheet HTML 125Page - Rohm ML22Q533 Datasheet HTML 126Page - Rohm ML22Q533 Datasheet HTML 127Page - Rohm ML22Q533 Datasheet HTML 128Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
The volume can also be set at 32 levels by fixing the CV1 and CV0 bits to "0".
CV6-CV2
Description
CV6-CV2
Description
00
0.00dB (initial value)
10
-6.31dB
01
-0.28dB
11
-6.90dB
02
-0.58dB
12
-7.55dB
03
-0.88dB
13
-8.24dB
04
-1.20dB
14
-9.00dB
05
-1.53dB
15
-9.83dB
06
-1.87dB
16
-10.74dB
07
-2.22dB
17
-11.77dB
08
-2.59dB
18
-12.93dB
09
-2.98dB
19
-14.26dB
0A
-3.38dB
1A
-15.85dB
0B
-3.81dB
1B
-17.79dB
0C
-4.25dB
1C
-20.28dB
0D
-4.72dB
1D
-23.81dB
0E
-5.22dB
1E
-29.83dB
0F
-5.74dB
1F
-44.37dB
The channel settings are as follows:
Channeled
Description
CH0
Setting this bit to 1 set the volume of channel 0.
CH1
Setting this bit to 1 set the volume of channel 1.
CH2
Setting this bit to 1 set the volume of channel 2.
CH3
Setting this bit to 1 set the volume of channel 3.
Be sure to specify one of the channels for the channel setting (CH0-CH3). When multiple channels are specified, the volume
of the specified channels is set.
Do not input it to "0" (all “0”) with specifying nothing. If it is input with specifying nothing (all "0"), the command is ignored.
For timing of the CVOL command, refer to the "Change volume timing by CVOL command" in the timing chart.
124/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com