Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 125 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 125 Page - Rohm

Back Button ML22Q533 Datasheet HTML 121Page - Rohm ML22Q533 Datasheet HTML 122Page - Rohm ML22Q533 Datasheet HTML 123Page - Rohm ML22Q533 Datasheet HTML 124Page - Rohm ML22Q533 Datasheet HTML 125Page - Rohm ML22Q533 Datasheet HTML 126Page - Rohm ML22Q533 Datasheet HTML 127Page - Rohm ML22Q533 Datasheet HTML 128Page - Rohm ML22Q533 Datasheet HTML 129Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 RDSTAT command
・ Command
1
0
1
1
0
0
0
0
1st byte
The RDSTAT command reads the internal operating states. This command can be input regardless of the NCR signal status.
When reading the status of the second byte after command input, set the SI pin to "L".
The internal operating states read in the second byte are as follows:
2nd byte
D7
D6
D5
D4
D3
D2
D1
D0
Output data
BUSYB3
BUSYB2
BUSYB1
BUSYB0
NCR3
NCR2
NCR1
NCR0
The NCR signal outputs "L" during command processing and playback standby, and outputs "H" in other states.
The BUSYB signal outputs "L" during command processing and playback sound, and outputs "H" in other states.
D7 to D0
Description
BUSYB3
BUSYB outputs of channel 3
BUSYB2
BUSYB outputs of channel 2
BUSYB1
BUSYB outputs of channel 1
BUSYB0
BUSYB outputs of channel 0
NCR3
NCR output of channel 3
NCR2
NCR output of channel 2
NCR1
NCR output of channel 1
NCR0
NCR output of channel 0
For the timing of the RDSTAT command, refer to the "RDSTAT command timing" in the timing chart.
125/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com