Electronic Components Datasheet Search
  English  ▼

X  

ADATE320 Datasheet(PDF) 50 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 46Page - Analog Devices ADATE320 Datasheet HTML 47Page - Analog Devices ADATE320 Datasheet HTML 48Page - Analog Devices ADATE320 Datasheet HTML 49Page - Analog Devices ADATE320 Datasheet HTML 50Page - Analog Devices ADATE320 Datasheet HTML 51Page - Analog Devices ADATE320 Datasheet HTML 52Page - Analog Devices ADATE320 Datasheet HTML 53Page - Analog Devices ADATE320 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
Data Sheet
ADATE320
THEORY OF OPERATION
analog.com
Rev. C | 50 of 78
SERIAL PROGRAMMABLE INTERFACE (SPI)
SPI Hardware Interconnect Details
Figure 127. Multiple SPI with a Shared SDO Line
SPI Reset Sequence and the RST Pin
The internal state of the ADATE320 is indeterminate following pow-
er-up. For this reason, it is necessary to perform a valid hardware
reset sequence as soon as the power supplies are stabilized.
The ADATE320 provides an active low reset pin (RST) for this
purpose. Asserting RST asynchronously initiates a reset sequence.
Furthermore, the RST pin must be asserted before and during
the power-up cycling sequence, and released only after all power
supplies are guaranteed to be stable.
A soft reset sequence can also be initiated under SPI software
control by writing to the SPI_RESET bit (see Figure 146). In the
case of a soft reset, the sequence begins on the first rising edge of
SCLK following the release of CS, subject to the normal setup and
hold times. Certain actions occur immediately upon the initiation of
the reset request, whereas other actions require several cycles of
SCLK.
The following asynchronous actions occur immediately following the
detection of the reset request, whether it was hardware (RST) or
software (SPI) initiated:
►
Assert open-drain BUSY pin
►
Force all control registers to their default reset states as defined
in Table 29
►
Clear all calibration registers to their default reset states as
defined in Table 29
►
Override all DAC analog outputs and force dc levels to VDUTGND,
disable the driver and PPMU functions
►
Enable active loads with IOHx = IOLx = 100 µA (uncalibrated
and expected to vary with offset from device to device); soft
connect DUTx pins to VCOM = VDUTGND
The device remains in this static reset state indefinitely until the
clocked portion of the sequence begins with either the first rising
edge of SCLK following the release of RST in the case of an
asynchronous hardware reset, or the second rising edge of SCLK
following the release of CS in the case of a software SPI reset.
Regardless of how the reset sequence was initiated, the clocked
portion of the sequence requires 744 SCLK cycles to run through
to completion, and the open-drain BUSY pin (if available) remains
asserted until all clock cycles are received. The following actions
occur during the clocked portion of the reset sequence:
►
Complete initialization of internal SPI controller
►
Write default values to appropriate DAC X2 registers
►
Enable the thermal alarm with a 100°C threshold
►
Disable the PPMU clamp and overvoltage detect (OVD) alarms
The 744 rising edges of SCLK release BUSY and start a self timed
DAC deglitch period of approximately 3 µs. DAC voltages begin to
change as soon as the deglitch circuits time out. An additional 10
µs is required to settle to the final values. A full reset sequence thus
requires approximately 30 µs, comprising 16 µs (744 cycles × 20
ns) for post reset initialization, 3 µs for DAC deglitch, and another
10 µs for DAC analog level settling.
SPI Clock Cycles and the BUSY Pin
The ADATE320 offers a digital BUSY output pin to indicate that the
SPI controller requires more SCLK cycles to be input on the SCLK
pin. The device may be operated without this pin, but care must be
exercised to ensure that the required number of SCLK cycles are
provided in each case to complete each SPI instruction.
After any valid SPI instruction is written to the ADATE320, the
BUSY pin is asserted to indicate a busy status of the DAC update
and calibration routines. The BUSY pin is an open-drain output
capable of sinking a minimum of 2 mA from the VDD supply. It is
recommended to tie the BUSY pin to VDD with an external 1 kΩ
pull-up resistor.
It is not a requirement to wait for release of BUSY prior to a subse-
quent assertion of the CS pin. As long as the minimum number of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com