Electronic Components Datasheet Search
  English  ▼

X  

ADATE320 Datasheet(PDF) 15 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 11Page - Analog Devices ADATE320 Datasheet HTML 12Page - Analog Devices ADATE320 Datasheet HTML 13Page - Analog Devices ADATE320 Datasheet HTML 14Page - Analog Devices ADATE320 Datasheet HTML 15Page - Analog Devices ADATE320 Datasheet HTML 16Page - Analog Devices ADATE320 Datasheet HTML 17Page - Analog Devices ADATE320 Datasheet HTML 18Page - Analog Devices ADATE320 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 15 of 78
Table 7.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
Range A
−1.0
+4.0
V
D
Range B, Range C, Range D, and
Range E
−1.5
+4.5
V
D
Zero-Current Offset
Range B
−4
+4
%FSR
P
Interpolated from measurements sourcing and sinking
80% FS current each range; for example, 2% FSR is 40
µA in Range B
All Ranges
±0.5
%FSR
CT
Zero-Current Offset TC
Range A
±0.01
%FSR/°C
CT
Range B, Range C, and Range D
±0.01
%FSR/°C
CT
Range E
±0.02
%FSR/°C
CT
Gain Error
Derived from measurements sourcing and sinking 80%
FS current
Range B
−30
+5
%
P
All Ranges
−10
%
CT
Gain TC
Range A
±50
ppm/°C>
CT
Range B, Range C, and Range D
±50
ppm/°C
CT
Range E
±50
ppm/°C
CT
INL
After two-point gain/offset calibration at ±80% FS current
Range A
±0.02
%FSR
CT
Measured over FSR output of −40 mA to +40 mA
Range B
−0.02
+0.02
%FSR
P
Measured over FSR output of −1 mA to +1 mA
Range C, Range D, and Range E
±0.01
%FSR
CT
Measured over FSR output of Range C, Range D, and
Range E
DUTx Pin Voltage Rejection
−1.3
+1.3
µA
P
Range B, FVMI, force −1.0 V and +4.0 V into 0.5 mA
load, measure ∆I reported at PPMU_Mx pin
DUTGND Voltage Accuracy
−5
±1
+5
mV
P
Over ±0.1 V range
MEASURE PIN DC
CHARACTERISTICS
Output Range
−1.5
+5.0
V
D
Output Impedance
200
Ω
P
PPMU enabled in FVMV, source resistance: PPMU force
4.5 V into 0.0 mA, −1.0 mA, sink resistance: PPMU
force −1.5 V into 0.0 mA, 1.0 mA, resistance = ∆V/∆I at
PPMU_Mx pin
Output Leakage Current When
Tristated
−1
+1
µA
P
Tested at −1.7 V and +5.2 V
Output Short Circuit Current
−10
+10
mA
P
PPMU enabled in FVMV, source: PPMU force +4.5
V, PPMU_Mx = −1.5 V, sink: PPMU force −1.5 V,
PPMU_Mx = 5.0 V
PPMU_Mx Pin, Parasitic Output
Capacitance
2
pF
S
Parasitic capacitance contributed by pin
PPMU_Mx Pin, External Load
Capacitance
100
pF
S
External capacitance tolerated by pin (exceeding this
value may cause instability)
PPMU VOLTAGE CLAMPS (FI)
PPMU enabled in FIMI, PPMU clamps enabled; clamp
accuracy applies only when |PCHx − PCLx| ≥ 1.0 V
Low Voltage Clamp Range (PCLx)
−1.5
+3.5
V
D
High Voltage Clamp Range (PCHx)
−0.5
+4.5
V
D
Offset, Voltage Clamps (PCHx/PCLx) −300
+300
mV
P
Range B, PPMU force ±0.5 mA into open; PCHx
measured at DAC Code 0x4000 (0.0 V) with PCLx at
DAC Code 0x0000 (−2.5 V); PCLx measured at DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com