Electronic Components Datasheet Search
  English  ▼

X  

ADATE320 Datasheet(PDF) 56 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 52Page - Analog Devices ADATE320 Datasheet HTML 53Page - Analog Devices ADATE320 Datasheet HTML 54Page - Analog Devices ADATE320 Datasheet HTML 55Page - Analog Devices ADATE320 Datasheet HTML 56Page - Analog Devices ADATE320 Datasheet HTML 57Page - Analog Devices ADATE320 Datasheet HTML 58Page - Analog Devices ADATE320 Datasheet HTML 59Page - Analog Devices ADATE320 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
Data Sheet
ADATE320
THEORY OF OPERATION
analog.com
Rev. C | 56 of 78
Table 28. m and c Calibration Register Selection
SPI Address
[Channel]
DAC
Name
Functional (DAC Usage)
Description
m Register c Register
DMC_ENAB
LE
(Address
0x1A[0])1
LOAD_ENA
BLE_x
(Address
0x1B[0])
PPMU_MEAS
_VI_x
(Address
0x1C[6])
PPMU_FORCE_
VI_x (Address
0x1C[5])
PPMU_RANG
E_x (Address
0x1C[4:2])
PPMU VIN FI level Range C,
Channel 0
0x4C[0]
0x5A[0]
X
X
X
1
101
PPMU VIN FI level Range D,
Channel 0
0x4D[0]
0x5A[0]
X
X
X
1
100
PPMU VIN FI level Range E,
Channel 0
0x4E[0]
0x5A[0]
X
X
X
1
0XX
0x0A[1]
PPMU1
PPMU VIN FV level, Channel 1
0x2A[1]
0x3A[1]
X
X
X
0
XXX
PPMU VIN FI level Range A,
Channel 1
0x4A[1]
0x5A[1]
X
X
X
1
111
PPMU VIN FI level Range B,
Channel 1
0x4B[1]
0x5A[1]
X
X
X
1
110
PPMU VIN FI level Range C,
Channel 1
0x4C[1]
0x5A[1]
X
X
X
1
101
PPMU VIN FI level Range D,
Channel 1
0x4D[1]
0x5A[1]
X
X
X
1
100
PPMU VIN FI level Range E,
Channel 1
0x4E[1]
0x5A[1]
X
X
X
1
0XX
0x0B[0]
PCH0
PPMU current clamp (FV) high lev-
el, Channel 0
0x44[0]
0x54[0]
X
X
X
0
XXX
PPMU voltage clamp (FI) high lev-
el, Channel 0
0x2B[0]
0x3B[0]
1
0x0B[1]
PCH1
PPMU current clamp (FV) high lev-
el, Channel 1
0x44[1]
0x54[1]
X
X
X
0
XXX
PPMU voltage clamp (FI) high lev-
el, Channel 1
0x2B[1]
0x3B[1]
1
0x0C[0]
PCL0
PPMU current clamp (FV) low lev-
el, Channel 0
0x45[0]
0x55[0]
X
X
X
0
XXX
PPMU voltage clamp (FI) low level,
Channel 0
0x2C[0]
0x3C[0]
1
0x0C[1]
PCL1
PPMU current clamp (FV) low lev-
el, Channel 1
0x45[1]
0x55[1]
X
X
X
0
XXX
PPMU voltage clamp (FI) low level,
Channel 1
0x2C[1]
0x3C[1]
X
X
X
1
0x0D[0]
POH0
PPMU go/no-go MV high level,
Channel 0
0x2D[0]
0x3D[0]
X
X
0
X
XXX
PPMU go/no-go MI Range A high
level, Channel 0
0x61[0]
0x5D[0]
X
X
1
X
111
PPMU go/no-go MI Range B high
level, Channel 0
0x62[0]
0x5D[0]
X
X
1
X
110
PPMU go/no-go MI Range C high
level, Channel 0
0x63[0]
0x5D[0]
X
X
1
X
101
PPMU go/no-go MI Range D high
level, Channel 0
0x64[0]
0x5D[0]
X
X
1
X
100
PPMU go/no-go MI Range E high
level, Channel 0
0x65[0]
0x5D[0]
X
X
1
X
0XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com