Electronic Components Datasheet Search
  English  ▼

X  

ADATE320 Datasheet(PDF) 51 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 47Page - Analog Devices ADATE320 Datasheet HTML 48Page - Analog Devices ADATE320 Datasheet HTML 49Page - Analog Devices ADATE320 Datasheet HTML 50Page - Analog Devices ADATE320 Datasheet HTML 51Page - Analog Devices ADATE320 Datasheet HTML 52Page - Analog Devices ADATE320 Datasheet HTML 53Page - Analog Devices ADATE320 Datasheet HTML 54Page - Analog Devices ADATE320 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
Data Sheet
ADATE320
THEORY OF OPERATION
analog.com
Rev. C | 51 of 78
SCLK cycles following the previous release of CS is met according
to the tCSAM parameter, the CS pin can again be asserted for
another SPI operation. With the one exception of recovery from a
reset request (either by hardware assertion of RST pin or software
setting of the internal SPI_RESET control bit), there is no scenario
in normal operation of the ADATE320 in which the user must wait
for release of BUSY before asserting the CS pin for a subsequent
SPI operation. The only requirement on the assertion of CS is that
the tCSAM parameter has been met as defined in Figure 2 and Table
14.
It is very important, however, that the SCLK pin continue to operate
for as long as the BUSY pin state remains active. This period of
time is defined by the parameter tBUSW and is defined in Figure 2,
Table 14, and Table 23. If the SCLK pin does not remain active
for at least the number of cycles specified, operations pending to
the internal processor may not fully complete. In such a case, a
temporary malfunction of the ADATE320 may occur, or unexpected
results may be obtained. After the device releases the BUSY pin
(or the required minimum number of clock cycles is satisfied), SCLK
may again be stopped to prevent any unwanted digital noise from
coupling into the analog functions. In every case (with no exception
for reset recovery), it is the purpose of the BUSY pin to notify the
supervisory ASIC or FGPA that it is again safe to stop the SCLK
signal. Running SCLK for extra periods when BUSY is not active
is never a problem except for the possibility of adding unwanted
digital switching noise into analog functions.
The required length of the BUSY period (tBUSW) is variable depend-
ing on the particular preceding SPI instruction, but it is always de-
terministic. It depends only on factors such as whether the previous
instruction involved a write to one or more DAC addresses, and, if
so, how many channels were involved and whether calibration was
enabled. Table 23 details the length of the tBUSW requirement in
units of rising edge SCLK cycles for each possible SPI instruction
scenario, including recovery from a hardware RST reset.
Because tBUSW is deterministic, it is therefore possible to predict
in advance the minimum number of rising edge SCLK cycles that
are required to complete any given SPI instruction, which makes it
possible to operate the device without a need to monitor the BUSY
pin. For applications in which it is neither possible nor desirable to
monitor the pin, it is acceptable to use the deterministic information
provided in Table 23 to guarantee the minimum number of cycles is
provided. Either way, it is necessary to honor the minimum number
of required rising edge SCLK cycles, as defined by tBUSW, following
the release of CS for each of the SPI instruction scenarios listed.
Table 23. BUSY Minimum SCLK Cycle Requirements
SPI Instruction Type (Single- or Dual-Channel Operation)
Minimum tBUSW (SCLK Cycles)
Following Release of Asynchronous RST Reset Pin (Hardware Reset)
744
Following Assertion of the SPI_RESET Control Bit (Software Reset)
744
Write to No Operation (NOP) (Address 0x00, Address 0x20, Address 0x50, Address 0x60)
3
Write to a Valid Address That Is Not a DAC (Address > 0x10)
3
Write to Any DAC Except VILx or VIHx (Address 0x01 to Address 0x0F, Except Address 0x01 and Address 0x03)
18
Write to VILx or VIHx DAC (Address 0x01 or Address 0x03)
21
SPI Read/Write Register Definition
Figure 128. SPI Word Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com