Electronic Components Datasheet Search
  English  ▼

X  

ADATE320 Datasheet(PDF) 54 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 50Page - Analog Devices ADATE320 Datasheet HTML 51Page - Analog Devices ADATE320 Datasheet HTML 52Page - Analog Devices ADATE320 Datasheet HTML 53Page - Analog Devices ADATE320 Datasheet HTML 54Page - Analog Devices ADATE320 Datasheet HTML 55Page - Analog Devices ADATE320 Datasheet HTML 56Page - Analog Devices ADATE320 Datasheet HTML 57Page - Analog Devices ADATE320 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
Data Sheet
ADATE320
THEORY OF OPERATION
analog.com
Rev. C | 54 of 78
Table 26. PPMU Transfer Functions
PPMU Mode
Transfer Functions1
Uncalibrated PPMU DAC Settings to Achieve Specified PPMU Range
FV
VDUTx = PPMUx
−1.5 V < PPMUx < +4.5 V
FI
IDUTx = (PPMUx − (VREF − VREFGND))/(5 × RPPMU)
0.0 V < PPMUx < 5.0 V
MV
VPPMU_Mx = VDUTx (internal sense path)
Not applicable
MV
VPPMU_Mx = VPPMU_Sx (external sense path)
Not applicable
MI
VPPMU_Mx = (VREF − VREFGND) + (5 × IDUTx × RPPMU) + VDUTGND
Not applicable
1 RPPMU = 12.5 Ω for Range A, 500 Ω for Range B, 5.0 kΩ for Range C, 50 kΩ for Range D, and 250 kΩ for Range E.
Table 27. Temperature Sensor Transfer Function
Temperature
Output
0 K
0.00 V
300 K
3.00 V
TKELVIN
0.00 V + (TKELVIN ) × 10 mV/K
DAC Gain and Offset Correction
Each analog function within the ADATE320 has independent gain
(m) and offset (c) calibration registers that allow digital trim of
first-order errors in the analog signal chain. These registers correct
errors in the pin electronics transfer functions as well as errors
intrinsic to the DAC itself.
The m and c registers are volatile and must be reloaded after each
power-on cycle as part of a calibration routine if values other than
the defaults are required. The registers are not cleared by any reset
operation (although the DAC_CAL_ENABLE bit is cleared following
reset).
The gain and offset calibration function can be bypassed by clear-
ing the DAC_CAL_ENABLE bit in the DAC control register (see
Figure 145). This bypass mode is available only on a per chip
basis. In other words, it is not possible to bypass the calibration
function for a specific subset of the DACs.
The calibration function, when enabled, adjusts the numerical data
sent to each DAC according to the following equation:
X2= m+1216 ×X1 + c−215
(1)
where:
X2 is the 16-bit data-word gated into the physical DAC, and re-
turned by subsequent SPI read from that same DAC.
m is the code in the respective DAC gain calibration register (the
default code is 0xFFFF = 216 − 1).
X1 is the 16-bit data-word written by the user to the DAC via the
SPI.
c is the code in the respective DAC offset calibration register (the
default code is 0x8000 = 215).
From Equation 1, it can be seen that the gain applied to any written
X1 data is always ≤1.0, with the effect that the effective output of
a DAC can only be made smaller in magnitude by the calibration
mechanism. To compensate for this imposed limitation, each of the
analog signal paths in the pin electronics functions are guaranteed
by designed to have a gain ≥1.0 when the default m register values
are applied. A signal path gain ≥1.0 guarantees that proper gain
calibration can always be achieved by multiplying down.
DAC X2 Registers and SPI Readback
When data is written via the SPI to a particular DAC, that data is
operated on in accordance with Equation 1. The results are stored
in an X2 register associated with that DAC (see Figure 130).
There is only a single physical X2 register per DAC, and it is the
value of this X2 register that is eventually gated into the physical
DAC at the time of analog update, which can be either in immediate
or deferred mode. It is also this register value that is returned
to the user during an SPI read operation addressed to that DAC
channel. In the special case of a dual channel write to a DAC, both
of the associated X2 registers are sequentially updated using the
appropriate m register and c register for each channel.
When enabled, the calibration function applies this operation to the
X2 registers only after a SPI write to the respective X1 registers.
The X2 registers are not updated after write operations to either m
register or c register or following any changes to functional modes
or range settings of the device. For this reason, to ensure that cali-
bration data is recalculated for any particular DAC, it is necessary
to write fresh data to that DAC after changes are first made to the
associated m register and c register, and any associated functional
modes and ranges for that DAC function.
For each DAC, there is only a single X2 register, and generally
there is one dedicated and unique set of m calibration register
and c calibration register assigned. In several special cases (for
example, the PPMU DAC) there is still only one X2 register per
DAC, but there are several different choices for m register and
c register depending on the particular configuration of mode and
range control settings for the function. For those DACs, a choice of
calibration register is made automatically based on the respective
mode and range control settings in place for that function when the
DAC is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com