Electronic Components Datasheet Search
  English  ▼

X  

ADATE320 Datasheet(PDF) 77 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 70Page - Analog Devices ADATE320 Datasheet HTML 71Page - Analog Devices ADATE320 Datasheet HTML 72Page - Analog Devices ADATE320 Datasheet HTML 73Page - Analog Devices ADATE320 Datasheet HTML 74Page - Analog Devices ADATE320 Datasheet HTML 75Page - Analog Devices ADATE320 Datasheet HTML 76Page - Analog Devices ADATE320 Datasheet HTML 77Page - Analog Devices ADATE320 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
Data Sheet
ADATE320
EXTERNAL COMPONENTS
analog.com
Rev. C | 77 of 78
In addition to the external components identified in Table 31 and Ta-
ble 32, see the Power Supply, Grounding, and Typical Decoupling
Strategy section for further information about recommended power
supply decoupling capacitors.
Table 31. PPMU External Compensation Capacitors
External Components Value (pF)
Location
1000 pF
Between the CFFB0 and CFFA0 pins
1000 pF
Between the CFFB1 and CFFA1 pins
Table 32. Other External Components
External Components Value (kΩ)
Location
10 kΩ
ALARM pull-up resistor to VDD
1 kΩ
BUSY pull-up resistor to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com