Electronic Components Datasheet Search
  English  ▼

X  

ADATE320 Datasheet(PDF) 58 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 54Page - Analog Devices ADATE320 Datasheet HTML 55Page - Analog Devices ADATE320 Datasheet HTML 56Page - Analog Devices ADATE320 Datasheet HTML 57Page - Analog Devices ADATE320 Datasheet HTML 58Page - Analog Devices ADATE320 Datasheet HTML 59Page - Analog Devices ADATE320 Datasheet HTML 60Page - Analog Devices ADATE320 Datasheet HTML 61Page - Analog Devices ADATE320 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
Data Sheet
ADATE320
THEORY OF OPERATION
analog.com
Rev. C | 58 of 78
Figure 130. DAC X2 Registers and Calibration Diagram
ALARM FUNCTIONS
The ADATE320 contains per channel overvoltage detectors (OVDL/
OVDH), per channel PPMU voltage/current clamps (PCLx/PCHx),
and a thermal alarm to detect and signal these respective fault
conditions. Any of these functions may flag an alarm independently
in the alarm state register (see Figure 152). The status of the
alarms may be determined at any time by reading the SPI alarm
state register. This register is read only, and its contents are cleared
by the read operation. The alarm flag bits can then become set by
any of the respective alarm functions. The individual fault condition
flags are logically OR'ed together to drive the open-drain ALARM
output pin to indicate that a fault condition has occurred (see Figure
134).
The various alarm flags can be either enabled or disabled (masked)
using the alarm mask register (see Figure 151). The thermal alarm
is enabled by default (mask bit clear), and the overvoltage and
PPMU clamp alarms are all disabled by default (mask bits set).
The PPMU clamp alarm behavior depends on the mode of the
PPMU. When in FI mode, the PPMU clamps behave as program-
mable voltage clamps. The high and low voltage clamp levels are
set by the respective PCHx and PCLx level setting DACs. If the
voltage on the DUTx pin reaches either the PCHx or PCLx setting,
a PPMU clamp alarm is generated, but only if the clamps are ena-
bled with the PPMU_CLAMP_ENABLE_x control bit in the PPMU
control register (see Figure 150). Note that if the PPMU clamps are
enabled and a PPMU clamp alarm is generated, the alarm can still
be masked with the alarm mask register. However, if the voltage
clamps are disabled, no PPMU clamp alarm is generated.
When the PPMU is in FV mode, the PPMU clamps behave as
programmable current clamps. The source and sink current clamp
levels are set with the respective PCHx and PCLx level setting
DACs. The current clamps cannot be disabled by setting or clearing
the PPMU_CLAMP_ENABLE_x control bit—the clamps are always
active when in PPMU FV mode. If the PCHx and PCLx levels are
set outside their functional range, a ±140% static current limit is
left in effect. If the current on a DUTx pin reaches either the PCHx
or PCLx clamp setting, or, alternatively, one of the static current
limits, a PPMU clamp alarm results. The PPMU clamp alarm can be
masked separately in the alarm mask register.
Refer to Figure 131 through Figure 134 for more information about
PPMU clamp functions.
The only purpose of the various alarm circuits is to detect and
indicate the presence of a fault condition of interest to the user.
The only action the ADATE320 takes upon detection of a fault is to
set the appropriate alarm state register flag bits in the alarm state
register and then activate the open-drain ALARM pin. No other
action is taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com