Electronic Components Datasheet Search
  English  ▼

X  

76503 Datasheet(PDF) 9 Page - Wiha Tools

Part # 76503
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76503 Datasheet(HTML) 9 Page - Wiha Tools

Back Button 76503 Datasheet HTML 5Page - Wiha Tools 76503 Datasheet HTML 6Page - Wiha Tools 76503 Datasheet HTML 7Page - Wiha Tools 76503 Datasheet HTML 8Page - Wiha Tools 76503 Datasheet HTML 9Page - Wiha Tools 76503 Datasheet HTML 10Page - Wiha Tools 76503 Datasheet HTML 11Page - Wiha Tools 76503 Datasheet HTML 12Page - Wiha Tools 76503 Datasheet HTML 13Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
Align Bits, 1/4”
Item
No.
Size mm pkg. lbs.
71536
T6
25
10
.12
71537
T7
25
10
.12
71538
T8
25
10
.12
71539
T9
25
10
.12
71541
T10 25
10
.12
71542
T15 25
10
.12
71543
T20 25
10
.12
71544
T25 25
10
.13
71545
T27 25
10
.13
71546
T30 25
10
.14
71547
T40 25
10
.15
(Also Known As Torx Wedge Fit)
Align Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm pkg. lbs.
74711
T6
50
10
.18
74714
T7
50
10
.18
74717
T8
50
10
.18
74721
T9
50
10
.18
74724
T10 50
10
.18
74728
T15 50
10
.20
74732
T20 50
10
.22
74736
T25 50
10
.22
74739
T27 50
10
.22
74742
T30 50
10
.22
(Also Known As Torx Wedge Fit)
Highly resistant
to wear and
tear for a
long tool life
Suitable for all applications
for both manual and machine
Hardness HRC 59-61
Impact resistant modified
chrome-vanadium-
molybdenum, tool steel,
hardened
Torx® Align
Tapered For
Snug Fit In Screw
Align Insert Bit Packs, 1
”
CVM S2 modified tool steel
Item
No.
Size
mm
lbs.
73310
T6
25
.03
73311
T7
25
.03
73312
T8
25
.03
73313
T9
25
.03
73314
T10
25
.03
73315
T15
25
.03
73316
T20
25
.03
73317
T25
25
.03
73318
T27
25
.03
73319
T30
25
.03
73320
T40
25
.04
Made in Germany -
Production Quality
Align Power Bit Packs, 2
”
Item
No.
Size
mm
lbs.
74760
T6
50
.05
74761
T7
50
.05
74762
T8
50
.05
74763
T9
50
.05
74764
T10
50
.05
74765
T15
50
.05
74766
T20
50
.06
74767
T25
50
.06
74768
T27
50
.06
74769
T30
50
.06
2 bit
pack
2 bit
pack
PokitPak -
Align Insert Bits
In Molded Case -
Set Includes 6 - 1/4” Insert Bits
Align:
T10, T15, T20, T25, T30, T40
lbs. .12
Wiha
Align Coated
Insert Bits PokitPak
Power Bit Belt Pack With
Align Bits
Set includes the following 10 bits:
Align: T6, T7, T8, T9,
T10, T15, T20, T25, T27, T30
lbs. .28
Wiha
Align Insert Bits and Power Bits
715
733
747
747
79283
74981
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com