Electronic Components Datasheet Search
  English  ▼

X  

76503 Datasheet(PDF) 32 Page - Wiha Tools

Part # 76503
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76503 Datasheet(HTML) 32 Page - Wiha Tools

Back Button 76503 Datasheet HTML 28Page - Wiha Tools 76503 Datasheet HTML 29Page - Wiha Tools 76503 Datasheet HTML 30Page - Wiha Tools 76503 Datasheet HTML 31Page - Wiha Tools 76503 Datasheet HTML 32Page - Wiha Tools 76503 Datasheet HTML 33Page - Wiha Tools 76503 Datasheet HTML 34Page - Wiha Tools 76503 Datasheet HTML 35Page - Wiha Tools 76503 Datasheet HTML 36Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
Wiha Multi-Bit Screwdrivers
Allows one handed
turning & frees other hand for
positioning the work piece
Six Tools in One!
1/4” Magnetic Bit Holder
directs magnetism through the bit for
powerful screw holding
Ergonomic Powerhandle
for maximum comfort & exceptional torque
Cap snaps
on & off, doesn’t
unscrew while you’re
using the tool
Chambered Bit Storage
• Turn the transparent selector
to the bit you need
• No time wasted fumbling or
sorting to find the right bit
Slotted/Phillips Multi-Bit Screwdriver
with Wiha Powerhandle and insulated shaft.
Set includes the following 1/4” bits:
Slotted: 5.5, 6.0mm
lbs.
Phillips: 0, 1, 2, 3
.39
38006
Slotted/Phillips/Square Multi-Bit
Screwdriver with Wiha Powerhandle and
insulated shaft.
Set includes the following 1/4” bits:
Slotted: 4.5, 6.0mm
Phillips: 1, 2
lbs.
Square: 1, 2
.41
38007
Insulated Bit Holder
Slotted/Phillips & ClicFix Quick
Release Magnetic Bit Holder 7 Pc. Set
with Wiha Powerhandle and CVM steel,
hardened shaft.
Slotted: 6.5, 8.0mm
lbs.
Phillips: 0, 1, 2, 3
.43
38033
Slotted/Phillips & ClicFix Quick
Release Magnetic Bit Holder 7 Pc. Set
with Wiha Powerhandle and CVM steel,
hardened shaft.
Slotted: 4.5, 5.5, 6.0mm
lbs.
Phillips: 1, 2, 3
.44
38059
Torque Ratchet Bit Sets
Pistol Grip Handle
ergonomic design with free running mechanism.
Instant clutch engagement allows constant
turning pressure on the fastener.
No release
of handle is needed, change of direction can be
made with index finger and thumb.
Hex Retainer
for bit holder blades
Smooth, high torque, silent ratchet handle
Opens a new generation of easier
torque transmission
Topra Handle Wiha-Topra handle,
high quality plastic, impact resistant. Rated to
150in/lbs. Fits all Wiha Drive-Loc VI Blades.
Item
No.
mm mm Inch mm Inch lbs.
28200 6.0 100 3.94 85
3.35 .48
28200
57 Pc. Topra Ratchet Set Includes:
Topra Handle & Dynamic Handle 1/4” Bit
Holder & 1/4” Hex to 1/4” Square Adapter
Slotted: 4.5, 5.5, 6.5mm
lbs.
Phillips: 0, 1, 2
2.31
TORX®: T5, T6, T7, T8, T9, T10,
T15, T20, T25, T30
Pozidriv®: 1, 2
Square: 1, 2, 3
Hex Inch: .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Hex Metric: 1.5, 2.0, 2.5, 3.0,
4.0, 5.0, 6.0mm
Sockets Inch: 5/32, 3/16, 7/32,
1/4, 9/32, 5/16, 3/8”
Sockets Metric: 4.0, 4.5, 5.0, 5.5,
6.0, 7.0, 8.0mm
28291
Slotted/Phillips/
Topra
Ratchet Bit Set, 12 Pc. Includes Topra
Handle, Magnetic bit holder & 10 bits:
Slotted: 5.5, 6.5, 8.0mm
Phillips: 0, 1, 2, 3
lbs.
: T10, T15, T20
.69
28296
Allows for quick
adjustment to
right, left or fixed
turning.
Ratchet Bit Set, 29 Pcs. In Canvas
Pouch. Includes Wiha 1/4” ratchet bit handle,
bit holder & 27 Insert bits.
Item No. 1/4” Ratchet Bit Set
74992
Set includes the following bits:
Slotted: 5.5, 6.0mm / Phillips: 0, 1, 2
Square: 1, 2 / Pozidriv® : 1, 2
: T8, T9, T10, T15, T20, T25
Hex Metric: 2.0, 2.5, 3.0, 4.0, 5.0mm
Hex Inch: 5/64, 3/32, 7/64, 1/8,
9/64, 5/32, 3/16”
1/4” Bit Holder
lbs. .90
74992
1/4” Ratchet & Bit Sets
72
Ratchet Bit Set, 35 Pcs. Includes:
Wiha 1/4” ratchet bit handle, bit holder, Hex/Sqr.
Adapter & 33 Insert bits.
Item No. 74996 1/4” Ratchet Bit Set
Slotted: 5.5, 6.0mm
Phillips: 0, 1, 2, 3
Square: 1, 2
: T8, T10, T15, T20, T25, T27, T30
Hex Metric: 1.5, 2.0, 2.5, 3.0,
4.0, 5.0, 6.0mm
Hex Inch: 1/16, 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
1/4” ClicFix Bit Holder
1/4” Hex to 1/4” Sqr. Adapter
lbs. .80
74996
In metal
storage
box
Cap rotates
eliminating
palm blisters
71596
PokitPak -
Dura Insert Bits In
Molded Case -
Set Includes 6 - 1/4” Insert Bits
T10, T15, T20, T25, T30, T40
lbs. .36
Dura Torsion Insert Bit Set
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com