Electronic Components Datasheet Search
  English  ▼

X  

76503 Datasheet(PDF) 30 Page - Wiha Tools

Part # 76503
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76503 Datasheet(HTML) 30 Page - Wiha Tools

Back Button 76503 Datasheet HTML 26Page - Wiha Tools 76503 Datasheet HTML 27Page - Wiha Tools 76503 Datasheet HTML 28Page - Wiha Tools 76503 Datasheet HTML 29Page - Wiha Tools 76503 Datasheet HTML 30Page - Wiha Tools 76503 Datasheet HTML 31Page - Wiha Tools 76503 Datasheet HTML 32Page - Wiha Tools 76503 Datasheet HTML 33Page - Wiha Tools 76503 Datasheet HTML 34Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
30
BitFlip Insulated Slot / Ph / Sq
Wiha cushion grip handle & insulated shaft.
Tested to 10,000 volts.
Slotted: 4.5, 6.0mm
Phillips: 0, 1, 2, 3
lbs.
Square: 1, 2
.45
38016
BitFlip Insulated
BitFlip Standard
BitFlip Standard
BitFlip Standard
BitFlip Standard Slot / Phil / Sq
with Wiha cushion grip handle
and CVM tool steel shaft.
Slotted: 4.5, 6.0mm
Phillips: 0, 1, 2, 3
lbs.
Square: 1, 2
.44
38026
BitFlip Insulated Slot / Phil /
Wiha cushion grip handle and insulated shaft.
Tested to 10,000 volts.
Slotted: 4.5, 6.0mm
Phillips: 1, 2
lbs.
: T10, T15, T20, T25 .45
38017
BitFlip Standard Slot / Phil /
with Wiha cushion grip handle
and CVM tool steel shaft.
Slotted: 4.5, 6.0mm
Phillips: 1, 2
lbs.
: T10, T15, T20, T25 .44
38027
BitFlip Insulated Slotted / Phillips
Wiha cushion grip handle and insulated shaft.
Tested to 10,000 volts.
Slotted: 4.5, 5.5, 6.0, 8.0mm lbs.
Phillips: 0, 1, 2, 3
.45
38018
BitFlip Standard
with Wiha cushion grip handle
and CVM tool steel shaft.
: T8, T10, T15,
lbs.
T20, T25, T27, T30, T40
.44
38028
BitFlip Insulated
BitFlip Insulated
Wiha BitFlip Sets - Insulated & Standard
“8 In 1 Bit Sets”
Each insulated tool
individually tested
to 10,000 volts
BitFlip standard SoftFinish®
handle, multi-component,
cushion grip, easy access
& 8 bit storage
BitFlip
Insulated
Blade CVM tool
steel, hardened
Wiha SoftFinish Pop-Up
Screwdriver Bit Sets
Pop-Up Bit Screwdriver Set with
Wiha SoftFinish handle, multi-component.
Compact storage for 12 bits in the handle. Bit
holder stainless steel, magnetic.
Slotted: 4.5, 5.5, 6.0mm
lbs.
Phillips: 1, 2, 3
.42
: T10, T15, T20,
T25, T27, T30
38032
Pop-Up Bit Screwdriver Set
with Wiha SoftFinish handle, multi-component.
Compact storage for 12 bits in the handle.
Bit holder stainless steel, magnetic.
Slotted: 4.5, 6.0mm
Square: 1, 2
lbs.
Phillips: 1, 2
.42
Hex: 4.0, 5.0, 6.0mm
: T20, T25, T30
38041
Just 2.5” over all length
Stubby 6 in 1 Multi-Bit
Driver Sets
Bits hardened for
extreme durability
Ergo soft grip
handles
Stainless steel
bit holder
Wiha Cushion Grip Stubby Bit Sets
SoftFinish® CushionGrip Stubby
Bit Holder with Wiha cushion grip handle &
CVM tool steel shaft.
Set includes the following 1/4” bits:
Slotted: 4.5, 6.0mm
Phillips: #1, #2
lbs.
Pozidriv®: #1, #2
.20
38043
SoftFinish® CushionGrip Stubby Bit
Holder with Wiha cushion grip handle &
CVM tool steel shaft.
Set includes the following 1/4” bits:
Slotted: 4.5, 6.0mm
Phillips: #1, #2
lbs.
Square: #1, #2
.20
38048
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com