Electronic Components Datasheet Search
  English  ▼

X  

76503 Datasheet(PDF) 7 Page - Wiha Tools

Part # 76503
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76503 Datasheet(HTML) 7 Page - Wiha Tools

Back Button 76503 Datasheet HTML 3Page - Wiha Tools 76503 Datasheet HTML 4Page - Wiha Tools 76503 Datasheet HTML 5Page - Wiha Tools 76503 Datasheet HTML 6Page - Wiha Tools 76503 Datasheet HTML 7Page - Wiha Tools 76503 Datasheet HTML 8Page - Wiha Tools 76503 Datasheet HTML 9Page - Wiha Tools 76503 Datasheet HTML 10Page - Wiha Tools 76503 Datasheet HTML 11Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7
Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm pkg. lbs.
74511
T6
50
10
.18
74512
T7
50
10
.18
74513
T8
50
10
.18
74517
T9
50
10
.19
74519
T10
50
10
.20
74521
T15
50
10
.20
74523
T20
50
10
.20
74529
T25
50
10
.20
74531
T27
50
10
.20
74533
T30
50
10
.20
74535
T40
50
10
.25
Power Bits. 1/4” Hex Drive,
Length 2.75”/70mm
Item
No.
Size mm
pkg. lbs.
74536
T6
70
1
.02
74538
T7
70
1
.02
74542
T8
70
1
.02
74544
T9
70
1
.02
74546
T10
70
1
.02
74548
T15
70
1
.02
74551
T20
70
1
.03
74553
T25
70
1
.03
74556
T27
70
1
.04
74558
T30
70
1
.04
74561
T40
70
1
.04
Power Bits
1/4
” Hex Drive, Length 6.0”/150mm
Item
No.
Size mm
pkg.
lbs.
74580
T6
150
1
.04
74582
T7
150
1
.04
74584
T8
150
1
.04
74585
T9
150
1
.04
74586
T10
150
1
.04
74587
T15
150
1
.04
74588
T20
150
1
.04
74589
T25
150
1
.04
74590
T27
150
1
.04
74591
T30
150
1
.04
Power Bits
1/4
” Hex Drive, Length 3.5”/90mm
Item
No.
Size mm
pkg. lbs.
74563
T6
90
1
.03
74565
T7
90
1
.03
74567
T8
90
1
.03
74569
T9
90
1
.03
74571
T10
90
1
.03
74573
T15
90
1
.03
74575
T20
90
1
.04
74577
T25
90
1
.04
74579
T27
90
1
.04
74581
T30
90
1
.04
74583
T40
90
1
.04
Wiha
Power Bits
Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
Size
mm
lbs.
74525
T1
50
.05
74527
T2
50
.05
74530
T3
50
.05
74540
T4
50
.05
74559
T5
50
.05
74501
T6
50
.05
74502
T7
50
.05
74503
T8
50
.05
74504
T9
50
.05
74506
T10
50
.05
74508
T15
50
.05
74510
T20
50
.05
74514
T25
50
.06
74515
T27
50
.06
74516
T30
50
.06
74518
T40
50
.08
Double End Bits
1/4” Hex Drive, Length 2.56”/65mm
Item
No.
Size Size mm pkg. lbs.
74411
T6
T6
65
10
.32
74413
T7
T7
65
10
.32
74415
T8
T8
65
10
.32
74417
T9
T9
65
10
.32
74419
T10 T10 65
10
.32
74421
T15 T15 65
10
.32
74423
T20 T20 65
10
.32
74429
T25 T25 65
10
.33
74431
T27 T27 65
10
.34
74433
T30 T30 65
10
.35
74435
T40 T40 65
10
.38
2 bit
pack
Wiha
Double End Bits
Double End Bit Pack
1/4” Hex Drive, Length 2.56”/65mm
Item
No.
Size Size mm lbs.
74460
T6
T6
65
.05
74461
T7
T7
65
.05
74462
T8
T8
65
.05
74463
T9
T9
65
.05
74464
T10 T10 65
.05
74465
T15 T15 65
.05
74466
T20 T20 65
.05
74467
T25 T25 65
.06
74468
T27 T27 65
.06
74469
T30 T30 65
.07
74470
T40 T40 65
.07
2 bit
pack
Wiha Stainless Steel Insert Bits & Power Bits
Stainless Steel
Bits, 1/4”
Item
No.
Size mm
pkg.
71500
T8
25
1
71501
T9
25
1
71502
T10 25
1
71503
T15 25
1
71504
T20 25
1
71511
T25 25
1
71512
T30 25
1
71513
T40 25
1
Stainless Steel
Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm pkg.
70411
T15
50
1
70413
T20
50
1
70414
T25
50
1
70416
T30
50
1
70417
T40
50
1
745
745
745
745
744
744
715
745
745
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com