Electronic Components Datasheet Search
  English  ▼

X  

76503 Datasheet(PDF) 22 Page - Wiha Tools

Part # 76503
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76503 Datasheet(HTML) 22 Page - Wiha Tools

Back Button 76503 Datasheet HTML 18Page - Wiha Tools 76503 Datasheet HTML 19Page - Wiha Tools 76503 Datasheet HTML 20Page - Wiha Tools 76503 Datasheet HTML 21Page - Wiha Tools 76503 Datasheet HTML 22Page - Wiha Tools 76503 Datasheet HTML 23Page - Wiha Tools 76503 Datasheet HTML 24Page - Wiha Tools 76503 Datasheet HTML 25Page - Wiha Tools 76503 Datasheet HTML 26Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
22
Square Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Size mm
lbs.
71851
1
25
.03
71852
2
25
.03
71853
3
25
.03
718
Square Power Bit Packs, 2
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
74890
Set includes the following bits:
Square:
wt. .08
1, 2, 3 x 2.0” (50mm)
74890
Square Insert Bit Packs, 1
” CVM
S2 modified tool steel. 3 pc. bit pack
71854
Set includes the following bits:
Square:
wt. .04
1, 2, 3 x 1” (25mm)
71854
Square Insert Bits, 1/4”
Item
No.
Size mm
pkg. lbs.
71801
1
25
10
.11
71802
2
25
10
.11
71803
3
25
10
.11
718
Square Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Size mm
pkg. lbs.
74813
1
50
10
.20
74816
2
50
10
.20
74819
3
50
10
.20
748
Square Bits
The ideal multi-purpose tools to
meet production requirements
for both quality & performance
Highly resistant to
wear and tear for
a long tool life
Suitable for all applications
for both manual & machine
Hardness HRC 59-61
Impact
resistant
modified
CVM,
tool steel,
hardened
Square
Square Insert & Power Bits
Square Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
Size mm lbs.
74860
1
50
.05
74861
2
50
.05
74862
3
50
.05
748
2 bit
pack
2 bit
pack
2 bit
pack
Square Power Bit Packs, 2.0
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 6 pc. bit pack.
74895
Set includes the following bits:
Square: 2 of each sizes
wt. 1.2
1, 2, 3 x 2.0” (50mm)
74895
Slotted Insert Bits, 1/4” Hex Drive,
Length 25mm/.984”
Item
No.
mm Inch
mm Inch
pkg.
71001
4.5 .177 0.6 .024
10
71004
5.5 .216 0.8 .030
10
71002
6.5 .255 1.2 .039
10
71003
8.0 .315 1.6 .063
10
710
The ideal multi-purpose bits for all
around quality & performance
Made in Germany -
Production Quality
Highly resistant
to wear and
tear for a
long tool
life
Suitable for all
applications
for both manual
and machine
Hardness
HRC 59-61
Impact resistant
modified CVM, tool
steel, hardened
Wiha Slotted
Insert Bits
& Power Bits
Slotted
Slotted Insert Bits. 1/4” Hex Drive,
Length 1.54”/39mm 2 pc. Bit pack.
Item
No.
mm Inch mm Inch pkg.
71030
3.0 .118 0.5 .020
2
71031
3.5 .139 0.6 .024
2
71032
4.0 .157 0.8 .031
2
71033
4.5 .177 0.6 .024
2
71034
5.5 .216 1.0 .039
2
71035
6.5 .255 1.2 .047
2
71036
8.0 .315 1.6 .063
2
710
2 pc. bit
pack!
Slotted Bits
Slotted Insert Contractor Grade, 1/4”
Item
No.
mm
mm pkg.
lbs.
72534
4.5
25
30 pc
.85
72535
5.5
25
30 pc
.85
72536
6.0
25
30 pc
.85
725
30 Piece Contractor Grade Bits
Square Power Bit, 1/4” Hex Drive,
Length 3.5”/90mm CVM S2 modified tool steel.
Item
No.
Size mm lbs.
74811
1
90
.08
74812
2
90
.08
74814
3
90
.08
748
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com