Electronic Components Datasheet Search
  English  ▼

X  

76503 Datasheet(PDF) 11 Page - Wiha Tools

Part # 76503
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76503 Datasheet(HTML) 11 Page - Wiha Tools

Back Button 76503 Datasheet HTML 7Page - Wiha Tools 76503 Datasheet HTML 8Page - Wiha Tools 76503 Datasheet HTML 9Page - Wiha Tools 76503 Datasheet HTML 10Page - Wiha Tools 76503 Datasheet HTML 11Page - Wiha Tools 76503 Datasheet HTML 12Page - Wiha Tools 76503 Datasheet HTML 13Page - Wiha Tools 76503 Datasheet HTML 14Page - Wiha Tools 76503 Datasheet HTML 15Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11
Security
SoftFinish®
CushionGrip Stubby Bit Holder with Wiha
cushion grip handle and CVM tool steel shaft.
Includes The Following 1/4” Bits:
lbs. .20
Security
: T8s, T10s,
T15s, T20s, T25s, T30s
Security
Topra Ratchet
Bit Set, 12 Pc. Set Includes Topra Handle,
Magnetic Bit Holder & The Following Bits:
Security
:
lbs.
T7s, T8s, T9s, T10s, T15s,
.65
T20s, T25s, T27s, T30s, T40s
XSelector Bit Set With Security
Bits, Includes Quick Release Holder
& The Following 10 Bits:
lbs. .27
Security
: T7s, T8s,
T9s, T10s, T15s, T20s, T25s,
T27s, T30s, T40s
Security
Screwdriver
with Wiha Powerhandle
lbs. .36
Includes The Following 1/4” Bits:
Security
:
T7s, T8s, T9s, T10s, T15s, T20s
Security
Screwdriver
with Wiha Powerhandle
lbs. .41
Includes The Following 1/4” Bits:
Security
: T10s, T15s,
T20s, T25s, T30s, T40s
Bit-Selector With Security
Bits, Includes Magnetic 1/4” Bit Holder
& The Following 10 Bits:
lbs. .32
Security
:
T7s, T8s, T9s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
Bit-Selector With Security
Bits, Includes The Following 7 Insert Bits:
Security
:
T7s, T8s, T9s,
lbs.
T10s, T15s, T20s, T25s
.21
Power Bit Belt Pack With Security
Bits, Includes the following 10 bits:
Security
:
T7s, T8s, T9s,
lbs.
T10s, T15s, T20s,
.29
T25s, T27s, T30s, T40s
Wiha Security
Insert Bit & Power Bit Sets
79247
70190
28297
38009
38010
38047
79447
74987
Security
Pop-Up Bit
Screwdriver Set Wiha SoftFinish handle,
multi-component
. Compact storage for 12 bits
in the handle.
lbs. .42
Includes The Following 1/4” Bits:
: T5, T6
Security
: T7s, T8s, T9s, T10s,
T15s, T20s, T25s, T27s, T30s, T40s
38046
Bit holder stainless
steel, magnetic
Security
Pop-Up Bit
Screwdriver Set Wiha SoftFinish handle,
multi-component
. Compact storage for 6 bits
in the handle.
lbs. .44
Includes The Following 75mm 1/4” Bits:
Security
:
T10s, T15s, T20s, T25s, T27s, T30s
38042
Bit holder stainless
steel, magnetic
75mm Bits
Security
Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76008
T8s
.02
1
76009
T9s
.02
1
76010
T10s .02
1
76015
T15s .02
1
76020
T20s .02
1
76025
T25s .03
1
76027
T27s .03
1
76030
T30s .04
1
76040
T40s .04
1
760
9 Piece Security
Blade Set
Item
Set includes: T8s,
No.
lbs.
T9s, T10s, T15s,
76092
.30
T20s, T25s,T27s,
T30s, T40s
76092
Wiha Security
Power Blades & Holder
76000 CentroFix Cushion Grip Blade Holder
Wiha-SoftFinish® impact resistant, with roll off
protection. Ergonomic cushion grip handle.
Quick release bit holder with magnet.
Item
No.
mm mm Inch mm Inch lbs.
76000
6.0 149 5.9 34.6 1.36 .26
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com